Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1552 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1552
Description  GreenChipII SMPS control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1552 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1552 Datasheet HTML 5Page - NXP Semiconductors TEA1552 Datasheet HTML 6Page - NXP Semiconductors TEA1552 Datasheet HTML 7Page - NXP Semiconductors TEA1552 Datasheet HTML 8Page - NXP Semiconductors TEA1552 Datasheet HTML 9Page - NXP Semiconductors TEA1552 Datasheet HTML 10Page - NXP Semiconductors TEA1552 Datasheet HTML 11Page - NXP Semiconductors TEA1552 Datasheet HTML 12Page - NXP Semiconductors TEA1552 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2002 Aug 27
9
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1552
As soon as the oscillator voltage is high again and the
secondary stroke has ended, the circuit waits for the
lowest drain voltage before starting a new primary stroke.
This method is called valley detection. Figure 8 shows the
drain voltage together with the valley signal, the signal
indicating the secondary stroke and the oscillator signal.
In an optimum design, the reflected secondary voltage on
the primary side will force the drain voltage to zero. Thus,
zero voltage switching is very possible, preventing large
capacitive switching losses
, and
allowing high frequency operation, which results in small
and cost effective inductors.
OverCurrent Protection (OCP)
The cycle-by-cycle peak drain current limit circuit uses the
external source resistor to measure the current accurately.
This allows optimum size determination of the transformer
core (cost issue). The circuit is activated after the leading
edge blanking time tleb. The OCP protection circuit limits
the ‘sense’ voltage to an internal level.
OverPower Protection (OPP)
During the primary stroke, the rectified mains input voltage
is measured by sensing the current drawn from pin DEM.
This current is dependent on the mains voltage, according
to the following formula:
where:
The current information is used to adjust the peak drain
current, which is measured via pin Isense. The internal
compensation is such that an almost mains independent
maximum output power can be realized.
The OPP curve is given in Fig.9.
Minimum and maximum ‘on-time’
The minimum ‘on-time’ of the SMPS is determined by the
Leading Edge Blanking (LEB) time. The IC limits the
‘on-time’ to 50
µs. When the system desires an ‘on-time’
longer than 50
µs, a fault condition is assumed, and the IC
will stop switching and enter the safe restart mode.
Short winding protection
After the leading edge blanking time, the short winding
protection circuit is also activated. If the ‘sense’ voltage
exceeds the short winding protection voltage Vswp, the
converter will stop switching. Once VCC drops below the
UVLO level, capacitor CVCC will be recharged and the
supply will restart again. This cycle will be repeated until
the short-circuit is removed (safe restart mode).
The short winding protection will also protect in case of a
secondary diode short-circuit.
P
1
2
---
CV
2
f
×
×
×
=


I
DEM
V
aux
R
DEM
---------------
NV
mains
×
R
DEM
--------------------------
≈≈
N
N
aux
N
p
------------
=
handbook, halfpage
MGU236
0.52 V
(typ)
0.3 V
(typ)
IDEM
Vsense(max)
−24 µA
(typ)
−100 µA
(typ)
Fig.9 OPP correction curve.


Similar Part No. - TEA1552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1553T NXP-TEA1553T Datasheet
149Kb / 27P
   GreenChip II SMPS control IC
Rev. 01-3 July 2007
More results

Similar Description - TEA1552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1654 PHILIPS-TEA1654 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2003 May 12
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
TEA1833LTS PHILIPS-TEA1833LTS Datasheet
255Kb / 24P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com