Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0720TA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P0720TA
Description  THYRISTOR SURGE SUPPRESSORS TSS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P0720TA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P0720TA Datasheet HTML 1Page - SUNMATE electronic Co., LTD P0720TA Datasheet HTML 2Page - SUNMATE electronic Co., LTD P0720TA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
VDRM
@IDRM=5 A
VS
@100V/ S
VT
@IT=2.2A
IS
IT
IH
C0
@1MHz
Part
Number
Marking
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P008A
6
25
4
800
2.2
50
25
50
P03A
25
40
4
800
2.2
50
15
70
P06A
58
77
4
800
2.2
150
40
50
P07A
65
88
4
800
2.2
150
35
50
P09A
75
98
4
800
2.2
150
25
45
P11A
90
130
4
800
2.2
150
30
45
P13A
120
160
4
800
2.2
150
25
45
P15A
140
180
4
800
2.2
150
25
40
P18A
170
220
4
800
2.2
150
25
40
P20A
180
220
4
800
2.2
150
20
40
P23A
190
260
4
800
2.2
150
25
35
P26A
220
300
4
800
2.2
150
20
35
P31A
275
350
4
800
2.2
150
20
30
P35A
320
400
4
800
2.2
150
20
30
P40A
360
460
4
800
2.2
150
20
30
P45A
400
540
4
800
2.2
150
20
30
P50A
440
600
4
800
2.2
150
20
30
Notes:
- Absolute maximum ratings measured at TA= 25 C (unless otherwise noted).
- Devices are bi-directional.
P0080TA
P0300TA
P0640TA
P0720TA
P0900TA
P1100TA
P1300TA
P1500TA
P1800TA
P2000TA
P2300TA
P2600TA
P3100TA
P3500TA
P4000TA
P4500TA
P5000TA


Similar Part No. - P0720TA

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P0720TA HUAXINAN-P0720TA Datasheet
344Kb / 6P
   SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P0720TA SOCAY-P0720TA Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
Shanghai Leiditech Elec...
P0720TA LEIDITECH-P0720TA Datasheet
737Kb / 5P
   Excellent capability of absorbing transient surge
logo
FutureWafer Tech Co.,Lt...
P0720TA FUTUREWAFER-P0720TA Datasheet
1Mb / 5P
   Thyristor Sugar Suppressor Diodes
logo
UN Semiconducctor INC
P0720TA UNSEMI-P0720TA Datasheet
3Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P0720TA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
P0080EB UNSEMI-P0080EB Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
PXXX0SC-2L UNSEMI-PXXX0SC-2L Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
TISP61089B UNSEMI-TISP61089B Datasheet
2Mb / 4P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
SUNMATE electronic Co.,...
P0080SA SUNMATE-P0080SA Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
Socay Electornics Co., ...
P0080LB SOCAY-P0080LB Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
Shenzhen Saite Microele...
P0080SB PHY-P0080SB Datasheet
539Kb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
UN Semiconducctor INC
P0080EC UNSEMI-P0080EC Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P0080TA SOCAY-P0080TA Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
P0080SB SOCAY-P0080SB Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
P0080LC SOCAY-P0080LC Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
P0080LA SOCAY-P0080LA Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com