Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90A53N Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC90A53N
Description  3-LINE DIGITAL Y / C SEPARATOR IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A53N Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC90A53N Datasheet HTML 5Page - Toshiba Semiconductor TC90A53N Datasheet HTML 6Page - Toshiba Semiconductor TC90A53N Datasheet HTML 7Page - Toshiba Semiconductor TC90A53N Datasheet HTML 8Page - Toshiba Semiconductor TC90A53N Datasheet HTML 9Page - Toshiba Semiconductor TC90A53N Datasheet HTML 10Page - Toshiba Semiconductor TC90A53N Datasheet HTML 11Page - Toshiba Semiconductor TC90A53N Datasheet HTML 12Page - Toshiba Semiconductor TC90A53N Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TC90A53N/F
2001-02-08 9/17
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS (Ta
==== 25°C, VDD ==== 5 V)
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Operating Voltage
VDD
1
4.75
5.0
5.25
V
Operating Current
IDD
1
40
60
80
mA
YOUT
3.0
3.15
3.3
Output Voltage Level
COUT
1
3.9
4.0
4.1
V
VREFL
1.4
1.5
1.6
VREFH
3.4
3.5
3.6
ADIN
1.5
1.6
1.8
BIAS1
0.8
1.4
2.4
BIAS2
0.8
1.6
2.6
BIAS3
2.4
3.4
4.4
CLAMPC
2.0
3.0
4.0
VFIL
0.9
1.9
2.9
Pin Voltage Level
CKIN
1
1.5
2.2
3.0
V
High Level
VIH
1
4
¾
¾
V
Input Voltage
Low Level
VIL
1
¾
¾
1
V
ADIN Pin Input Capacitance
CIN
1
¾
50
¾
pF
Pull-Down Resistance
RPD
1
CLOCK
= 3.579545 MHz
500 mVp-p
VREF1
= 3.0 V
1 / 2 VDD
= 2.5 V
VIN
= No input (Note 1)
25
50
100
kΩ
(Note 1) : Pins 9 and 26 need external bias.


Similar Part No. - TC90A53N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A58F TOSHIBA-TC90A58F Datasheet
349Kb / 36P
   3-Channel AD Converter
More results

Similar Description - TC90A53N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
Sanyo Semicon Device
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
   Monolithic Linear IC Video Signal Y/C Separator IC
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com