Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5121DKDR Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5121DKDR
Description  DIGITAL AMPLIFIER POWER STAGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121DKDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5121DKDR Datasheet HTML 5Page - Texas Instruments TAS5121DKDR Datasheet HTML 6Page - Texas Instruments TAS5121DKDR Datasheet HTML 7Page - Texas Instruments TAS5121DKDR Datasheet HTML 8Page - Texas Instruments TAS5121DKDR Datasheet HTML 9Page - Texas Instruments TAS5121DKDR Datasheet HTML 10Page - Texas Instruments TAS5121DKDR Datasheet HTML 11Page - Texas Instruments TAS5121DKDR Datasheet HTML 12Page - Texas Instruments TAS5121DKDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
9
Figure 5
PO(Total) − Total Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
5060
7080
EFFICIENCY
vs
TOTAL OUTPUT POWER
Figure 6
f − Frequency − Hz
RL = 4 Ω
TC = 75°C
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
20
100
1k
20k
1
0.1
0.001
0.01
10k
10 W
75 W
1 W
Figure 7
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
f − Frequency − Hz
PO = 1 W
TC = 75°C
AMPLITUDE
vs
FREQUENCY
10
100
1k
20k
10k
6
8
4
0.0
Figure 8
f − Frequency − kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
10
121416
182022
AMPLITUDE
vs
FREQUENCY


Similar Part No. - TAS5121DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121DKDR TI-TAS5121DKDR Datasheet
379Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5121DKDRE4 TI-TAS5121DKDRE4 Datasheet
379Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
More results

Similar Description - TAS5121DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com