Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEL12T-4231T-S1024 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEL12T-4231T-S1024
Description  12 mm Encoder with Switch and Illuminated Shaft
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12T-4231T-S1024 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEL12T-4231T-S1024 Datasheet HTML 1Page - Bourns Electronic Solutions PEL12T-4231T-S1024 Datasheet HTML 2Page - Bourns Electronic Solutions PEL12T-4231T-S1024 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Compactdesign,longlifeandhigh
reliability
n
Momentaryswitch
n
TripleLEDdesign
n
Flattedandknurledshaftstyles
n
Bushingandbushinglessoptions
PEL12T-12mmEncoderwithSwitchandIlluminatedShaft
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Devicesaretestedusingstandardnoisereductionfilters.Foroptimumperformance,designersshouldusenoisereductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Output.....................................................................................................................................................................................2-bit quadrature code
Closed Circuit Resistance ........................................................................................................................................................... 3 ohms maximum
Contact Rating.............................................................................................................................................................................. 0.5 mA @ 5 VDC
Insulation Resistance ....................................................................................................................................................100 megohms @ 250 VDC
Dielectric Withstanding Voltage
Sea Level................................................................................................................................................................................300 VAC minimum
Electrical Travel ......................................................................................................................................................................................Continuous
Contact Bounce (15 RPM).........................................................................................................................................................2.0 ms. maximum**
RPM (Operating) ............................................................................................................................................................................ 100 maximum**
Environmental Characteristics
Operating Temperature Range.......................................................................................................................-10 °C to +70 °C (+14 °F to +158 °F)
Storage Temperature Range .......................................................................................................................... -40 °C to +85 °C (-40 °F to +185 °F)
Operating Humidity..................................................................................................................................................................... 25 % to 85 % R.H.
Rotational Life..................................................................................................................................................................... 30,000 cycles minimum
Switch Life .......................................................................................................................................................................... 20,000 cycles minimum
IP Rating...........................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle ..........................................................................................................................................................................360 ° continuous
Detent Torque..................................................................................................................................................30 to 200 g-cm (0.42 to 2.77 oz.-in.)
Running Torque .....................................................................................................................................................50 g-cm (0.69 oz.-in.) maximum
Shaft Strength (Push)...................................................................................................................................................................... 5 kgf (11.0 lbs.)
Shaft Strength (Pull) ......................................................................................................................................................................10 kgf (22.0 lbs.)
Weight ...............................................................................................................................................................................3 gm (0.1 oz.) maximum
Terminals .................................................................................................................................................................. Printed circuit board terminals
Soldering Condition
Wave Soldering..................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 5 ± 1 seconds
Hand Soldering .................................................................................................................................................................. Not recommended
Hardware................................................................................... One flat washer and one mounting nut supplied with each encoder with bushing
Switch Characteristics
Switch Type .....................................................................................................................................................Contact Push ON Momentary SPST
Power Rating (Resistive Load)......................................................................................................................................................10 mA at 5 V DC
Contact Resistance ............................................................................................................................................................................100 milliohms
Switch Travel .................................................................................................................................................................................0.5 +0.0/-0.3 mm
Switch Actuation Force.................................................................................................................................................450 ± 200 gf (15.9 ±7.0 oz.)
How To Order
PEL12T - 4 0 21 F - S 1 024
Model
Terminal Configuration
4 = Horizontal Mount/Rear Exit PC Pin
Detent Option
0 = No Detents
1 = 12 Detents
2 = 24 Detents
Standard Shaft Length
Flatted:
Knurled:
16 = 16.0 mm
26 = 26.0 mm
25 = 25.0 mm
18 = 18.5 mm
31 = 31.0 mm
21 = 21.0 mm
Shaft Style
F = Insulated Flatted Shaft
S = Insulated Knurled Shaft (18 Teeth)
G = Insulated Flatted Shaft w/Bushing***
T = Insulated Knurled Shaft (18 Teeth) w/Bushing
Switch Configuration
S = Push Momentary Switch
LED Color
Triple:
1 = Red/Green/Blue
Resolution
012 = 12 Pulses per 360 ° Rotation
024 = 24 Pulses per 360 ° Rotation
*** Available in 18.5, 21 and 26 mm shaft lengths.


Similar Part No. - PEL12T-4231T-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12T-4231T-S1024 BOURNS-PEL12T-4231T-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
More results

Similar Description - PEL12T-4231T-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D-4021F-S1024 BOURNS-PEL12D-4021F-S1024 Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com