Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV86601BDT33RKG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV86601BDT33RKG
Description  Very Low Iq LD0 150 mA Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86601BDT33RKG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV86601BDT33RKG Datasheet HTML 1Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 2Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 3Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 4Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 5Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 6Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 7Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 8Page - ON Semiconductor NCV86601BDT33RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV8660B
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage (IN)
VIN
−0.3
40
V
Input Current
IIN
−1.0
mA
Output Voltage (OUT)
DC
Transient, t < 10 s (Note 1)
VOUT
−0.3
−0.3
5.5
16
V
Output Current (OUT)
IOUT
−1.0
Current
Limited
mA
Storage Temperature Range
TSTG
−55
150
°C
DT (Reset Delay Time Select) Voltage (Note 2)
VDT
−0.3
16
V
DT (Reset Delay Time Select) Current (Note 2)
IDT
−1.0
1.0
mA
RO (Reset Output) Voltage
DC
Transient, t < 10 s
VRO
−0.3
−0.3
5.5
16
V
RO (Reset Output) Current
IRO
−1.0
1.0
mA
ESD CAPABILITY
ESD Capability, Human Body Model (Note 3)
ESDHB
−2.0
2.0
kV
ESD Capability, Machine Model (Note 3)
ESDMM
−200
200
V
ESD Capability, Charged Device Model (Note 3)
ESDCDM
−1.0
1.0
kV
THERMAL RESISTANCE
Junction−to−Case (Note 4)
DPAK 5
RqJC
15
°C/W
Junction−to−Ambient (Note 4)
DPAK 5
RqJA
66
°C/W
Junction−to−Tab (Note 4)
DPAK 5
RqJT
4.0
°C/W
Junction−to−Ambient (Note 4)
SOIC−8 FUSED
RqJA
104
°C/W
Junction−to−Lead (pin 6) (Note 4)
SOIC−8 FUSED
RqJT
33
°C/W
LEAD SOLDERING TEMPERATURE AND MSL
Moisture Sensitivity Level
DPAK 5
SOIC−8 FUSED
MSL
1
3
Lead Temperature Soldering: SMD style only, Reflow (Note 5)
Pb−Free Part 60 − 150 sec above 217°C, 40 sec max at peak
SLD
265 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The output voltage must not exceed the input voltage.
2. External resistor required to minimize current to less than 1 mA when the control voltage is above 16 V.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD HBM tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD MM tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD CDM tested per EIA/JESD22/C101, Field Induced Charge Model
4. Values represented typical steady−state thermal performance on 1 oz. copper FR4 PCB with 1 in2 copper area.
5. Per IPC / JEDEC J−STD−020C.
OPERATING RANGE
Pin Symbol, Parameter
Symbol
Min
Max
Unit
VIN, Input Voltage Operating Range
VIN
4.5
40
V
Junction Temperature Range
TJ
−40
150
°C


Similar Part No. - NCV86601BDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86601BDT33RKG ONSEMI-NCV86601BDT33RKG Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
More results

Similar Description - NCV86601BDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com