Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV86604BD50R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV86604BD50R2G
Description  Very Low Iq LD0 150 mA Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86604BD50R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV86604BD50R2G Datasheet HTML 6Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 7Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 8Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 9Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 10Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 11Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 12Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 13Page - ON Semiconductor NCV86604BD50R2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCV8660B
http://onsemi.com
11
40
50
60
70
80
90
100
110
0
100
200
300
400
500
600
700
COPPER HEAT SPREADER AREA (mm2)
Figure 26. RqJA vs. PCB Copper Area (DPAK)
Power curve with PCB 1 oz cu
Figure 27. Transient Thermal Response (DPAK)
Cu Area = 645 mm2
0.001
0.01
0.1
1
10
100
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE TIME (sec)
Single Pulse
0.01
0.02
0.05
0.1
0.2
0.5
Psi Tab−A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Theta JA curve
80
90
110
120
140
150
170
180
0
100
200
300
400
500
600
700
COPPER HEAT SPREADER AREA (mm2)
Figure 28. RqJA vs. PCB Copper Area
(SOIC−8 Fused)
Power curve with PCB 1 oz cu
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Theta JA curve
Figure 29. Transient Thermal Response (SOIC−8 Fused)
Cu Area = 645 mm2
0.001
0.01
0.1
1
10
100
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE TIME (sec)
Single Pulse
0.01
0.02
0.05
0.1
0.2
0.5
Psi L−A
160
130
100


Similar Part No. - NCV86604BD50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86604BD50R2G ONSEMI-NCV86604BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86604BD50R2G ONSEMI-NCV86604BD50R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
More results

Similar Description - NCV86604BD50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com