Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8605MN50T2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8605MN50T2G
Description  CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8605MN50T2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8605MN50T2G Datasheet HTML 4Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 5Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 6Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 7Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 8Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 9Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 10Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 11Page - ON Semiconductor NCV8605MN50T2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCV8605, NCV8606
http://onsemi.com
10
Input bias current IADJ is typically less than 150 nA.
Choose R1 arbitrarily to minimize errors due to the bias
current and to minimize noise contribution to the output
voltage. Use Equation 2 to find the required value for R2.
Thermal
As power in the NCV8605/NCV8606 increases, it might
become necessary to provide some thermal relief. The
maximum power dissipation supported by the device is
dependent upon board design and layout. Mounting pad
configuration on the PCB, the board material, and the
ambient temperature affect the rate of junction temperature
rise for the part. When the NCV8605/NCV8606 has good
thermal conductivity through the PCB, the junction
temperature will be relatively low with high power
applications.
The
maximum
dissipation
the
NCV8605/NCV8606 can handle is given by:
PD(MAX) +
TJ(MAX) * TA
RQJA
(eq. 3)
Since TJ is not recommended to exceed 125C (TJ(MAX)),
then the NCV8605/NCV8606 soldered on 645 mm2, 1 oz
copper area, FR4 can dissipate up to 1.3 W when the ambient
temperature (TA) is 25C. See Figure 23 for RqJA versus
PCB area.
The power dissipated by the NCV8605/NCV8606 can be
calculated from the following equations:
PD [ Vin IGND@IOUT ) Iout Vin * Vout
(eq. 4)
or
Vin(MAX) [
PD(MAX) ) Vout Iout
Iout ) IGND
(eq. 5)
0
50
100
150
200
250
0
200
400
600
800
Figure 23. Thermal Resistance vs. Copper Area
COPPER AREA (mm2)
FR4 = 1.0 oz
FR4 = 2.0 oz
Hints
Vin and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise or cause the regulator
to malfunction. Place external components, especially the
output capacitor, as close as possible to the
NCV8605/NCV8606, and make traces as short as possible.


Similar Part No. - NCV8605MN50T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8605MN50T2G ONSEMI-NCV8605MN50T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
More results

Similar Description - NCV8605MN50T2G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
   2A CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com