Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8774-PP Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8774-PP
Description  Ultra Low Iq 350 mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8774-PP Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8774-PP Datasheet HTML 1Page - ON Semiconductor NCV8774-PP Datasheet HTML 2Page - ON Semiconductor NCV8774-PP Datasheet HTML 3Page - ON Semiconductor NCV8774-PP Datasheet HTML 4Page - ON Semiconductor NCV8774-PP Datasheet HTML 5Page - ON Semiconductor NCV8774-PP Datasheet HTML 6Page - ON Semiconductor NCV8774-PP Datasheet HTML 7Page - ON Semiconductor NCV8774-PP Datasheet HTML 8Page - ON Semiconductor NCV8774-PP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 0
1
Publication Order Number:
NCV8774/D
NCV8774
Ultra Low Iq 350 mA LDO
Regulator
The NCV8774 is a 350 mA LDO regulator. Its robustness allows
NCV8774 to be used in severe automotive environments. Ultra low
quiescent current as low as 18
mA typical makes it suitable for
applications permanently connected to battery requiring ultra low
quiescent current with or without load. This feature is especially critical
when modules remain in active mode when ignition is off. The NCV8774
contains protection functions as current limit, thermal shutdown and
reverse output current protection.
Features
Output Voltage Options: 3.3 V and 5 V
Output Voltage Accuracy: ±1.5% (TJ = 25°C to 125°C)
Output Current up to 350 mA
Ultra Low Quiescent Current: typ 18 mA (max 23 mA)
Very Wide Range of Cout and ESR Values for Stability
Wide Input Voltage Operation Range: up to 40 V
Protection Features
− Current Limitation
− Thermal Shutdown
These are Pb−Free Devices
Typical Applications
Body Control Module
Instruments and Clusters
Occupant Protection and Comfort
Powertrain
NCV8774
GND
Figure 1. Typical Application Schematic
Vin
Vout
Cout
1 mF
Cin
0.1 mF
VBAT
Vout
http://onsemi.com
MARKING
DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
xx
= Voltage Option
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
8774xxG
ALYWW
DPAK−3
DT SUFFIX
CASE 369C


Similar Part No. - NCV8774-PP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8774 ONSEMI-NCV8774 Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774CDT33RKG ONSEMI-NCV8774CDT33RKG Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774CDT50RKG ONSEMI-NCV8774CDT50RKG Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
More results

Similar Description - NCV8774-PP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com