Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8518BPWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8518BPWR2G
Description  Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8518BPWR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8518BPWR2G Datasheet HTML 2Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 3Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 4Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 5Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 6Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 7Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 8Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 9Page - ON Semiconductor NCV8518BPWR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCV8518B
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (−40°C ≤ TJ ≤ 150°C; 6.0 V ≤ VIN ≤ 28 V, 100 mA ≤ IOUT ≤ 150 mA,
C2 = 1.0 mF, RDelay = 60 k; unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Wake Up Output (VIN = 14 V, IOUT = 5.0 mA)
Wake Up Period
(RDELAY = 60 k)
(RDELAY = 120 k)
(RDELAY = 500 k)
18
25
50
208
32
ms
Wake Up Duty Cycle Nominal
45
50
55
%
RESET HIGH to Wake Up Rising Delay Time
(RDELAY = 60 k) 50% RESET Rising Edge to
50% Wake Up Edge (RDELAY = 120 k)
(RDELAY = 500 k)
9.0
12.5
25
104
16
ms
Wake Up Response to Watchdog Input
50% WDI Falling Edge to
50% Wake Up Falling Edge
0.1
5.0
ms
Wake Up Response to RESET
50% RESET Falling Edge to
50% Wake Up Falling Edge
(VOUT = 5.0 V→ 4.5 V)
0.1
5.0
ms
Output Low (RLOAD = 10 k)
0.2
0.4
V
Output High (RLOAD = 10 k)
VOUT − 0.5 VOUT − 0.25
V
Delay
Output Voltage (RDELAY = 60 k, 120 k, 500 k)
0.48
V
DEFINITION OF TERMS
Dropout Voltage: The input−to−output voltage differential at which the circuit ceases to regulate against further reduction in
input voltage. Measured when the output voltage has dropped 100 mV from the nominal value obtained at 14 V input, dropout
voltage is dependent upon load current and junction temperature.
Input Voltage: The DC voltage applied to the input terminals with respect to ground.
Line Regulation: The change in output voltage for a change in the input voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected.
Load Regulation: The change in output voltage for a change in load current at constant chip temperature.
Quiescent Current: The part of the positive input current that does not contribute to the positive load current. The regulator
ground lead current with no load.
Current Limit: Peak current that can be delivered to the output.


Similar Part No. - NCV8518BPWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518BPWR2G ONSEMI-NCV8518BPWR2G Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
More results

Similar Description - NCV8518BPWR2G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com