Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8509PDW25R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8509PDW25R2G
Description  Sequenced Linear Dual-Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509PDW25R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8509PDW25R2G Datasheet HTML 1Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 2Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 3Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 4Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 5Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 6Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 7Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 8Page - ON Semiconductor NCV8509PDW25R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2008
October, 2008 − Rev. 25
1
Publication Order Number:
NCV8509/D
NCV8509 Series
Sequenced Linear
Dual-Voltage Regulator
The NCV8509 Series are dual voltage regulators whose output
voltages power up in such a manner as to protect the integrity of
modern day microcontroller I/O and ESD input structures. Newer
generation microcontrollers require two power supplies. One voltage
is used for powering the core, while the other powers the I/O.
Features
Power−Up Sequence
Output Voltage Options:
VOUT1 5 V (±2%) 115 mA, VOUT2 2.6 V (2%) 100 mA
VOUT1 5 V (±2%) 115 mA, VOUT2 2.5 V (2%) 100 mA
VOUT1 3.3 V (±2%) 115 mA, VOUT2 1.8 V (2%) 100 mA
Low 175 mA Quiescent Current
Power Shunt
Programmable RESET Time
Dual Drive RESET Valid
Programmable SLEW Rate Control
Thermal Shutdown
16 Lead SOW Exposed Pad
NCV Prefix, for Automotive and Other Applications Requiring Site
and Change Control
AEC Qualified
PPAP Capable
These are Pb−Free Devices
Typical Applications
Automotive Powertrain
Telematics
VIN1
VIN2
GND
VOUT1
VOUT2
SLEW
RESET
Delay
NCV8509
VBAT
Figure 1. Application Diagram
REX
138 Ω
CSLEW
33 nF
CIN1
10 μF
CIN2
0.1 μF
CVOUT1
10 μF
CVOUT2
10 μF
CDelay
33 nF
RRESET
10 k
MRA4004T3
http://onsemi.com
PIN CONNECTIONS
MARKING DIAGRAM
xx
= Voltage Ratings as Indicated
Below:
26 = 5 V/2.6 V
25 = 5 V/2.5 V
18 = 3.3 V/1.8 V
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Device
SOIC 16 LEAD
WIDE BODY
EXPOSED PAD
PDW SUFFIX
CASE 751AG
1
16
1
16
NC
NC
1
16
VOUT2
NC
NC
RESET
VIN2
NC
VIN1
NC
NC
GND
VOUT1
Delay
NC
SLEW
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
NCV8509xx
AWLYYWWG
http://onsemi.com


Similar Part No. - NCV8509PDW25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509PDW25R2G ONSEMI-NCV8509PDW25R2G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
More results

Similar Description - NCV8509PDW25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
logo
HTC Korea TAEJIN Techno...
TJ5631 HTC-TJ5631 Datasheet
187Kb / 8P
   Dual Channel Fixed Voltage Linear Regulator
logo
ON Semiconductor
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com