Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8504PW33G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8504PW33G
Description  Micropower 400 mA LDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504PW33G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8504PW33G Datasheet HTML 4Page - ON Semiconductor NCV8504PW33G Datasheet HTML 5Page - ON Semiconductor NCV8504PW33G Datasheet HTML 6Page - ON Semiconductor NCV8504PW33G Datasheet HTML 7Page - ON Semiconductor NCV8504PW33G Datasheet HTML 8Page - ON Semiconductor NCV8504PW33G Datasheet HTML 9Page - ON Semiconductor NCV8504PW33G Datasheet HTML 10Page - ON Semiconductor NCV8504PW33G Datasheet HTML 11Page - ON Semiconductor NCV8504PW33G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCV8504 Series
http://onsemi.com
10
APPLICATION NOTES
FLAG MONITOR
Figure 17 shows the FLAG Monitor waveforms as a result
of the circuit depicted in Figure 15. As the input voltage falls
(VMON), the Monitor threshold is crossed. This causes the
voltage on the FLAG output to go low.
Figure 17. FLAG Monitor Circuit Waveform
VMON
MON
Flag Monitor
Ref. Voltage
FLAG
SETTING THE DELAY TIME
The delay time is controlled by the Reset Delay Low
Voltage, Delay Switching Threshold, and the Delay Charge
Current. The delay follows the equation:
tDELAY +
CDELAY(Vdt * Reset Delay Low Voltage)
Delay Charge Current
Example:
Using CDELAY = 33 nF.
Assume reset Delay Low Voltage = 0.
Use the typical value for Vdt = 1.8 V (2.5 V, 3.3 V, and
5.0 V options).
Use the typical value for Delay Charge Current = 4.2
μA.
tDELAY +
33 nF(1.8 * 0)
4.2 mA
+ 14 ms
STABILITY CONSIDERATIONS
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.
The value for the output capacitor COUT shown in Figure 18
should work for most applications, however it is not
necessarily the optimized solution.
Figure 18. Test and Application Circuit Showing
Output Compensation
VIN
VOUT
COUT**
33 μF
RRST
RESET
CIN*
0.1 μF
NCV8504
*CIN required if regulator is located far from the power supply filter
**COUT required for stability. Capacitor must operate at minimum
temperature expected
CALCULATING POWER DISSIPATION IN A
SINGLE OUTPUT LINEAR REGULATOR
The maximum power dissipation for a single output
regulator (Figure 19) is:
PD(max) + [VIN(max) * VOUT(min)]IOUT(max)
(1)
) VIN(max)IQ
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current for the
application, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
Once the value of PD(max) is known, the maximum
permissible value of RqJA can be calculated:
(2)
RqJA +
150oC * TA
PD
The value of RqJA can then be compared with those in the
package section of the data sheet. Those packages with
RqJA’s less than the calculated value in equation 2 will keep
the die temperature below 150
°C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
SMART
REGULATOR®
IQ
Control
Features
IOUT
IIN
Figure 19. Single Output Regulator with Key
Performance Parameters Labeled
VIN
VOUT
}


Similar Part No. - NCV8504PW33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504PW33G ONSEMI-NCV8504PW33G Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
More results

Similar Description - NCV8504PW33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com