Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA48L025F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA48L025F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48L025F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA48L025F Datasheet HTML 2Page - Toshiba Semiconductor TA48L025F Datasheet HTML 3Page - Toshiba Semiconductor TA48L025F Datasheet HTML 4Page - Toshiba Semiconductor TA48L025F Datasheet HTML 5Page - Toshiba Semiconductor TA48L025F Datasheet HTML 6Page - Toshiba Semiconductor TA48L025F Datasheet HTML 7Page - Toshiba Semiconductor TA48L025F Datasheet HTML 8Page - Toshiba Semiconductor TA48L025F Datasheet HTML 9Page - Toshiba Semiconductor TA48L025F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA48L018,02,025,03,033,05F
2004-07-01
8
Tj = 40°C
TA48L033F
VIN = 5.3 V
0
0
2
3
4
150
1
100
50
25°C
125°C
85°C
IB – Tj
IB – IOUT
VOUT – IOUT
ISC – Tj
Junction temperature
Tj (°C)
Output current
IOUT (mA)
Output current
IOUT (mA)
Junction temperature
Tj (°C)
ISC – VD
R.R. – f
Dropout voltage
VD (V)
Frequency
f
(kHz)
IOUT = 0.1 A
50
TA48L033F
VIN = 5.3 V
0
−50
2
3
4
150
1
100
0
40 mA
0 A
50
TA48L033F
VIN = 5.3 V
0
−50
200
300
400
150
100
100
0
6
TA48L033F
Tj = 25°C
0
0
200
300
400
15
100
9
3
12
200
TA48L033F
VIN = 5.3 V
Tj = 25°C
0
0
2
3
4
400
1
300
100
1
TA48L033F
VIN = 5.3 V
IOUT = 40 mA
0
0.01
40
60
80
100
20
10
0.1


Similar Part No. - TA48L025F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L025F TOSHIBA-TA48L025F Datasheet
226Kb / 10P
   Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
More results

Similar Description - TA48L025F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
   Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com