Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA10-48S05J Datasheet(PDF) 1 Page - Artesyn Technologies

Part # CXA10-48S05J
Description  Embedded Power for Business-Critical Continuity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXA10-48S05J Datasheet(HTML) 1 Page - Artesyn Technologies

  CXA10-48S05J Datasheet HTML 1Page - Artesyn Technologies CXA10-48S05J Datasheet HTML 2Page - Artesyn Technologies CXA10-48S05J Datasheet HTML 3Page - Artesyn Technologies CXA10-48S05J Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The CXA10 series comprising of five different models delivers
single and dual output voltages covering 3.3 V, 5 V, 12 V, ±5 V, ±12
V and ±15 V. The series has a wide 4:1 input voltage range of
18Vdc to 75 Vdc. The CXA10 has been designed as a competitive
open-frame alternative for the communications market. The
product is supplied in the industry standard footprint of 2.0 x 1.0 x
0.394 inches. Other product features include overvoltage
protection, short-circuit protection and remote ON/OFF.
All components are placed in a fully automated environment.
Planar magnetics are used in the design to improve the reliability
and reduce the profile of the dc-dc converter. The series has full
international safety approvals reducing system compliance costs,
and it has a basic insulation system from input to output making it
suitable for a wide variety of applications.
Embedded Power for
Business-Critical Continuity
CXA10
Single output
Special Features
• 4:1 input voltage range
• Operating ambient
temperature of -40°C to
+70°C in still air
• High demonstrated reliability
with conservative
component deratings
• Complies with
ETS 300 019-1-3/2-3
• Complies with ETS 300 132-2
input voltage and current
requirements
• Fully compliant with
ETS 300 386-1
• Pin compatible with NFC10
and BXA10 series
• Basic insulation system
(input to output)
• 2 year warranty
Total Power:
10W
Input Voltage: 18 - 75VDC
# of Outputs:
Single
Safety
UL/cUL CAN/CSA 22.2
No. 60950-00 : UL 60950-1
File No. E132002
VDE Certificate No.112607.
File No. 1040100-3336-0136
CB Report and Certificate to
IEC60950-1, #DE 1-30686
Rev.12.04.07
cxa10
1 of 4


Similar Part No. - CXA10-48S05J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
CXA10-48S05J EMERSON-NETWORKPOWER-CXA10-48S05J Datasheet
248Kb / 4P
   4:1 input voltage range
More results

Similar Description - CXA10-48S05J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com