Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIUA151-S06 Datasheet(PDF) 2 Page - Vitec Power

Part # SIUA151-S06
Description  150W U-Bracket Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA151-S06 Datasheet(HTML) 2 Page - Vitec Power

  SIUA151-S06 Datasheet HTML 1Page - Vitec Power SIUA151-S06 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
SIUA151-SXX-13pin
OUT OUT OUT OUT OUT OUT RTN
RTN
RTN RTN
RTN
RTN
PFD
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 560gs approx.
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp
terminal.
4.
Output connector mates with Molex housing
09-50-3131 and Molex 2478 series crimp
terminal


Similar Part No. - SIUA151-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA151-S06 Vitec-SIUA151-S06 Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
More results

Similar Description - SIUA151-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA150 Vitec-SIUA150 Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA150-SERIES Vitec-SIUA150-SERIES Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA151 Vitec-SIUA151 Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
STUA151 Vitec-STUA151 Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
STUA150 Vitec-STUA150 Datasheet
414Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
STUA150-SERIES Vitec-STUA150-SERIES Datasheet
414Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
STUA151-SERIES Vitec-STUA151-SERIES Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
SMUA150 Vitec-SMUA150 Datasheet
440Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
SMUA150-SERIES Vitec-SMUA150-SERIES Datasheet
440Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
SMUA151-SERIES Vitec-SMUA151-SERIES Datasheet
425Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com