Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIUA62-S09 Datasheet(PDF) 1 Page - Vitec Power

Part # SIUA62-S09
Description  63W U-Bracket Power Supply for Industrial Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA62-S09 Datasheet(HTML) 1 Page - Vitec Power

  SIUA62-S09 Datasheet HTML 1Page - Vitec Power SIUA62-S09 Datasheet HTML 2Page - Vitec Power SIUA62-S09 Datasheet HTML 3Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIUA62 SERIES
63W U-Bracket Power Supply for Industrial Equipment
Wide Input Voltage81 to 275 VAC, 47 to 400 Hz or 90 to 300VDC
Single to Quad Output
Molex connecter (3 pin)
Output Voltage Available from 3VDC through 48VDC
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal.
Output connector mates with Molex housing 09-50-3081 and Molex 2478 series crimp terminal.
Class I Insulation
Operating temperature -20~70℃
Size: 3.2"x5"x1.38"
Power Fail Detect (Optional)
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIUA62-S01
3 - 5 VDC
16.66 - 10.0 A
5%
50W
SIUA62-S02
5 - 6 VDC
11.0 - 9.16 A
5%
55W
SIUA62-S03
6 - 8 VDC
10.0 - 7.50 A
4%
60W
SIUA62-S04
8 - 11 VDC
7.87 - 5.72 A
3%
63W
SIUA62-S05
11 - 13 VDC
5.72 - 4.84 A
3%
63W
SIUA62-S05-1
11 - 13 VDC
4.09 - 3.46 A
3%
45W
SIUA62-S06
13 - 16 VDC
4.84 - 3.93 A
3%
63W
SIUA62-S07
16 - 21 VDC
3.93 - 3.00 A
3%
63W
SIUA62-S08
21 - 27 VDC
3.00 - 2.33 A
2%
63W
SIUA62-S09
27 - 33 VDC
2.33 - 1.90 A
2%
63W
SIUA62-S10
33 - 40 VDC
1.90 - 1.57 A
2%
63W
SIUA62-S11
40 - 48 VDC
1.57 - 1.31 A
2%
63W
Multi Output
Product Number
Output #1
Output #2
Output #3
Output #4
Maximum
Output
Power
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax
SIUA62-D00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SIUA62-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SIUA62-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SIUA62-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SIUA62-D04
+3.3V
1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SIUA62-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SIUA62-T00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIUA62-T00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIUA62-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SIUA62-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SIUA62-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIUA62-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIUA62-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SIUA62-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SIUA62-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SIUA62-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SIUA62-T06
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SIUA62-T06-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SIUA62-T08
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SIUA62-T08-1
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SIUA62-Q00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA62-Q00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA62-Q00-2
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA62-Q00-3
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA62-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA62-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA62-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIUA62-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIUA62-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W


Similar Part No. - SIUA62-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA62-S09 Vitec-SIUA62-S09 Datasheet
631Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
More results

Similar Description - SIUA62-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61-SERIES Vitec-SIUA61-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63 Vitec-SIUA63 Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA63-SERIES Vitec-SIUA63-SERIES Datasheet
539Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61 Vitec-SIUA61 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA60 Vitec-SIUA60 Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA62 Vitec-SIUA62 Datasheet
631Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA61-SERIES Vitec-SMUA61-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com