Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXREFDES115A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES115A
Description  ISOLATED 24V TO 5V 20W POWER SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES115A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES115A Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES115A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
System Board 5858
MAXREFDES115#: ISOLATED 24V TO 5V 20W POWER
SUPPLY
The MAXREFDES115# reference design (Figure 1) demonstrates the application of the
MAX17599 low IQ, wide-input range, active-clamp current-mode PWM controller. The
MAX17599 contains all the control circuitry required for the design of wide-input isolated
forward-converter industrial power supplies. The reference design features the active-
Introduction
Though isolated power supplies provide reliable power regulation for a variety of
applications, transformer selection is often the most difficult step in isolated power design.
The MAXREFDES115# is a compact, isolated 24V input flyback converter module that
features 5V at 4A (20W) output. Multiple transformers have been qualified for this design,
simplifying the process of transformer selection. In addition, through-hole pins on the
bottom side of the module allow quick and easy integration of this power converter into any
system. Pins are 15.24mm from power to ground, and 63.5mm from the input side to the
output side.
Enlarge+
MAXREFDES115# System Board


Similar Part No. - MAXREFDES115A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXREFDES11 MAXIM-MAXREFDES11 Datasheet
834Kb / 20P
   Fresno (MAXREFDES11#) Nexys 3 Quick Start Guide
Rev 0; 1/13
MAXREFDES111 MAXIM-MAXREFDES111 Datasheet
925Kb / 17P
   OLATED 24V TO 5V 2W FLYBACK POWER SUPPLY
9/6/2016
MAXREFDES111A MAXIM-MAXREFDES111A Datasheet
925Kb / 17P
   OLATED 24V TO 5V 2W FLYBACK POWER SUPPLY
9/6/2016
MAXREFDES111B MAXIM-MAXREFDES111B Datasheet
925Kb / 17P
   OLATED 24V TO 5V 2W FLYBACK POWER SUPPLY
9/6/2016
MAXREFDES111C MAXIM-MAXREFDES111C Datasheet
925Kb / 17P
   OLATED 24V TO 5V 2W FLYBACK POWER SUPPLY
9/6/2016
More results

Similar Description - MAXREFDES115A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXREFDES125 MAXIM-MAXREFDES125 Datasheet
627Kb / 10P
   MAXREFDES125# Non-isolated 24V to 5.1V, 20W Power Supply
2017
MAXREFDES111 MAXIM-MAXREFDES111 Datasheet
925Kb / 17P
   OLATED 24V TO 5V 2W FLYBACK POWER SUPPLY
9/6/2016
MAXREFDES112 MAXIM-MAXREFDES112 Datasheet
682Kb / 15P
   ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
9/6/2016
MAXREFDES121 MAXIM-MAXREFDES121 Datasheet
568Kb / 7P
   MAXREFDES121# Isolated 24V to 3.3V 33W Power Supply
2017
MAXREFDES41 MAXIM-MAXREFDES41 Datasheet
98Kb / 2P
   Isolated 24V to 12V 40W Power Supply wi - Maxim
MAXREFDES48 MAXIM-MAXREFDES48 Datasheet
90Kb / 2P
   Isolated 24V to 12V 40W Power Supply wi - Maxim
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
logo
Texas Instruments
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com