Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIFA151-S06 Datasheet(PDF) 2 Page - Vitec Power

Part # SIFA151-S06
Description  150W Open Frame Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIFA151-S06 Datasheet(HTML) 2 Page - Vitec Power

  SIFA151-S06 Datasheet HTML 1Page - Vitec Power SIFA151-S06 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
SIFA151-SXX-13pin
OUT OUT OUT OUT OUT OUT RTN
RTN
RTN RTN
RTN
RTN
PFD
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 390gs approx.
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp
terminal.
4.
Output connector mates with Molex housing
09-50-3131 and Molex 2478 series crimp
terminal


Similar Part No. - SIFA151-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA151-S06 Vitec-SIFA151-S06 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
More results

Similar Description - SIFA151-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA151 Vitec-SIFA151 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
SIFA150-SERIES Vitec-SIFA150-SERIES Datasheet
412Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
SIFA150 Vitec-SIFA150 Datasheet
412Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
SMFA151-SERIES Vitec-SMFA151-SERIES Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
STFA151 Vitec-STFA151 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
SMFA150-SERIES Vitec-SMFA150-SERIES Datasheet
369Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
STFA151-SERIES Vitec-STFA151-SERIES Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA150 Vitec-STFA150 Datasheet
412Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
logo
Foshan Blue Rocket Elec...
SMFA150 FOSHAN-SMFA150 Datasheet
369Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com