Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV223X Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV223X
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 4Page - STMicroelectronics STV223X Datasheet HTML 5Page - STMicroelectronics STV223X Datasheet HTML 6Page - STMicroelectronics STV223X Datasheet HTML 7Page - STMicroelectronics STV223X Datasheet HTML 8Page - STMicroelectronics STV223X Datasheet HTML 9Page - STMicroelectronics STV223X Datasheet HTML 10Page - STMicroelectronics STV223X Datasheet HTML 11Page - STMicroelectronics STV223X Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
STV224XH/228XH/223XH - GENERAL DESCRIPTION
8/86
Note 1: Input/Output not available in STV2246H/86H versions. This pin must not be connected.
Note 2: When REXT, GEXT and BEXT pins are not used, they must not be connected. Register 0Ah must be set (d7 and
d6 = 01). (RGB external inputs disabled.)
Note 3: FBEXT to be connected to ground when not used.
Note 4: CVBS output 1 on pin 29 (SDIP56), if register 1Dh = 07h.
Figure 1. STV224XH/228XH Pinout (SDIP56)
Note: Underlined pin functions are optional.
-
31
NC
Connection to GND recommended
-
32
NC
Connection to GND recommended
-
33
NC
Connection to GND recommended
-
42
NC
Connection to GND recommended
-
51
NC
Connection to GND recommended
-
60
NC
Connection to GND recommended
PIN
Symbol
Description
STV224XH/228XH
STV223XH
SDIP56
TQFP64
SIFIN1
SIFIN2
AGCSIFCAP
VREFIF
AGCPIFCAP
PIFIN1
PIFIN2
TUNERAGCOUT
IFPLL
GNDIF
AM/FMOUT/SC
VCCIF
INTCVBSOUT
EXTAUDIOIN
PIFLC1
PIFLC2
VCC2
CVBSIN1
GND2
CVBSIN2
BS
Y/CVBSIN3
CHR
APR
BEXT/Cb
GEXT/Y
REXT/Cr
FBEXT
FMCAP
AUDIOOUT
GNDD
VCCD
SDA
SCL
SLPF
LFB/SSC
HOUT
VERT
BCL/SAF
VCC1
CVBSOUT2
GND1
X1/VAMP/CHROUT
CLPF
XTAL1
XTAL2
XTAL3/BTUN
ROSD
GOSD
BOSD
ICATH
ROUT
GOUT
BOUT
NTBC/CVBSOUT1
FBOSD/HC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


Similar Part No. - STV223X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV223X STMICROELECTRONICS-STV223X Datasheet
3Mb / 86P
   I짼C bus-controlled multistandard single chip TV processor
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
STV223XH STMICROELECTRONICS-STV223XH Datasheet
3Mb / 86P
   I짼C bus-controlled multistandard single chip TV processor
More results

Similar Description - STV223X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV224X STMICROELECTRONICS-STV224X_09 Datasheet
3Mb / 86P
   I짼C bus-controlled multistandard single chip TV processor
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
Motorola, Inc
MC44011 MOTOROLA-MC44011 Datasheet
837Kb / 52P
   BUS CONTROLLED MULTISTANDARD VIDEO PROCESSOR
logo
NXP Semiconductors
TDA9321H PHILIPS-TDA9321H Datasheet
249Kb / 44P
   I2C-bus controlled TV input processor
1998 Dec 16
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
   BUS CONTROLLED PAL/NTSC TV PROCESSOR
STV2216 STMICROELECTRONICS-STV2216 Datasheet
259Kb / 26P
   BUS CONTROLLED NTSC/PAL TV PROCESSOR
logo
KODENSHI_AUK CORP.
KKA8842 KODENSHI-KKA8842 Datasheet
363Kb / 15P
   I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
Integral Corp.
ILA8842 INTEGRAL-ILA8842 Datasheet
159Kb / 14P
   I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com