Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF198A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF198A
Description  Monolithic Sample-and-Hold Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF198A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LF198A Datasheet HTML 5Page - National Semiconductor (TI) LF198A Datasheet HTML 6Page - National Semiconductor (TI) LF198A Datasheet HTML 7Page - National Semiconductor (TI) LF198A Datasheet HTML 8Page - National Semiconductor (TI) LF198A Datasheet HTML 9Page - National Semiconductor (TI) LF198A Datasheet HTML 10Page - National Semiconductor (TI) LF198A Datasheet HTML 11Page - National Semiconductor (TI) LF198A Datasheet HTML 12Page - National Semiconductor (TI) LF198A Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Typical Applications (Continued)
Definition of Terms
Hold Step: The voltage step at the output of the sample and
hold when switching from sample mode to hold mode with a
steady (dc) analog input voltage. Logic swing is 5V.
Acquisition Time: The time required to acquire a new ana-
log input voltage with an output step of 10V. Note that acqui-
sition time is not just the time required for the output to settle,
but also includes the time required for all internal nodes to
settle so that the output assumes the proper value when
switched to the hold mode.
Gain Error: The ratio of output voltage swing to input volt-
age swing in the sample mode expressed as a per cent dif-
ference.
Hold Settling Time: The time required for the output to
settle within 1 mV of final value after the “hold” logic com-
mand.
Dynamic Sampling Error: The error introduced into the
held output due to a changing analog input at the time the
hold command is given. Error is expressed in mV with a
given hold capacitor value and input slew rate. Note that this
error term occurs even for long sample times.
Aperture Time: The delay required between “Hold” com-
mand and an input analog transition, so that the transition
does not affect the held output.
Connection Diagrams
Differential Hold
DS005692-57
Capacitor Hysteresis Compensation
DS005692-56
**Adjust for amplitude
Dual-In-Line Package
DS005692-11
Order Number LF398N
or LF398AN
See NS Package Number N08E
Small-Outline Package
DS005692-15
Order Number LF298M or LF398M
See NS Package Number M14A
Metal Can Package
DS005692-14
Order Number LF198H,
LF198H/883, LF298H,
LF398H, LF198AH or LF398AH
See NS Package Number H08C
(Note 8)
www.national.com
11


Similar Part No. - LF198A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
logo
Texas Instruments
LF198A TI1-LF198A Datasheet
564Kb / 15P
[Old version datasheet]   LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
LF198A-N TI1-LF198A-N Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198A-N TI1-LF198A-N Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
logo
Linear Technology
LF198AH LINER-LF198AH Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
More results

Similar Description - LF198A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com