Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL40C2-00SADJHJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL40C2-00SADJHJ
Description  C-Class Non-Isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL40C2-00SADJHJ Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL40C2-00SADJHJ Datasheet HTML 1Page - Artesyn Technologies SIL40C2-00SADJHJ Datasheet HTML 2Page - Artesyn Technologies SIL40C2-00SADJHJ Datasheet HTML 3Page - Artesyn Technologies SIL40C2-00SADJHJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIL/SMT40C2 Series Data Sheet
Environmental Specifications
Thermal performance
Operating ambient temperature
-0 °C to +70 °C
See Note 5
Non-operating temperature
-40 °C to +125 °C
Protection
Short-circuit
Hiccup, non-latching
Overvoltage protection
Hiccup, non-latching
Recommended System Capacitance
Input
See Note 6
0 μF
Output
See Note 7
0 μF
Output Voltage Adjustment
The ultra-wide output voltage trim range offers major advantages to users
who select the SIL40C2 series. It is no longer necessary to purchase a variety
of modules in order to cover different output voltages. The output voltage can
be trimmed in a range of 0.6-5 V. When the SIL40C2 converter leaves the
factory, the output has been adjusted to the default voltage of 0.6 V.
Ordering Information
Model
Number (3,5)
Output Power
(Max.)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
SIL40C2-00SADJ-VJ
200 W
4.5 - 13.8 Vdc
0.6 - 5 V
0 A
40 A
94%
±0.2%
±0.5%
SIL40C2-00SADJHJ
200 W
4.5 - 13.8 Vdc
0.6 - 5 V
0 A
40 A
94%
±0.2%
±0.5%
SMT40C2-00SADJJ
200 W
4.5 - 13.8 Vdc
0.6 - 5 V
0 A
40 A
94%
±0.2%
±0.5%
Notes:
1. Measured as per recommended system capacitance.
2. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.75 lo to full lo and full lo to 0.75.
3. External input fusing is recommended.
4. Additional part numbers may be available with different output voltages.
5. Airflow dependent, 100 LFM minimum required.
6. No capacitors needed for ripple current stability.
7. No capacitors needed for stability.
8. NOTICE: Some models do not support all options. Please contact your local Artesyn Embedded
Technologies representative or use the on-line model number search tool at
http://www.Artesyn.com/power to find a suitable alternative.
9. To order a Horizontal Mounting option with a pin length of 0.165”, please use model
SIL40C2-00S-HP5.
Part Number System with Options
SIL
40
C
2
-
00
SADJ
-
V
J
Product Family
SIL = Single In Line
SMT = Surface Mount
Output Voltage
Single Adjustable
Output
Performance
C = Cost
Optimized
Input Voltage
00 = 4.5 - 13.8 V
Generation
Blank = Standard
2 = Increased
current density
RoHS Compliance
J = Pb free (RoHS
6/6 compliant)
Mounting Option
V = Vertical
H = Horizontal
(Applicable to SIL
version only)
Rated Output
Current
06 = 6 Amp
15 = 15 Amp
20 = 20 Amp
30 = 30 Amp
40 = 40 Amp
Standard Application Drawing
7,8
10,11
6
9
5
1,2,3
4
SIL40C2
Enable
Vin
GND
R trim
(for trim
down)
C out
R
L
O
A
D
Power Good
Vout
+R sense
C in


Similar Part No. - SIL40C2-00SADJHJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL40C2-00SADJ-HJ ARTESYN-SIL40C2-00SADJ-HJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL40C2-00SADJ-HJ ARTESYN-SIL40C2-00SADJ-HJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL40C2-00SADJ-HJ EMERSON-NETWORKPOWER-SIL40C2-00SADJ-HJ Datasheet
313Kb / 5P
   4.5-13.8 Vin Single C-Class Non-Isolated
logo
Artesyn Technologies
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL40C2-00SADJHJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30C-12SADJ-VJ ARTESYN-SIL30C-12SADJ-VJ_15 Datasheet
555Kb / 3P
   C-Class Non-Isolated POWER
SMT30C-12SADJJ ARTESYN-SMT30C-12SADJJ_15 Datasheet
553Kb / 3P
   POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
   POWER C-Class Non-Isolated
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ_15 Datasheet
752Kb / 4P
   C-Class Non-Isolated POWER
SIL06C-05SADJ-VJ ARTESYN-SIL06C-05SADJ-VJ_15 Datasheet
524Kb / 3P
   C-Class Non-Isolated POWER
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com