Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1417927 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1417927
Description  Sensor/Actuator cable - SAC-3P-15,0-542/ FR SCO BK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417927 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1417927 Datasheet HTML 1Page - PHOENIX CONTACT 1417927 Datasheet HTML 2Page - PHOENIX CONTACT 1417927 Datasheet HTML 3Page - PHOENIX CONTACT 1417927 Datasheet HTML 4Page - PHOENIX CONTACT 1417927 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1417927
08/16/2016   Page 4 / 5
Sensor/Actuator cable - SAC-3P-15,0-542/ FR SCO BK - 1417927
Accessories
Screw plug - PROT-M12 MS-PA-CHAIN - 1430899
M12 sealing cap with fixing band, for sensor cables, for free M12 sockets
 
 
Safety locking
Locking clip - SAC-M12-EXCLIP-F - 1558991
Locking clip for the socket side of sensor/actuator cables with M12 connector and M12 connectors for assembly, for knurl
diameter: 15 mm or for Allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections without
tools
 
 
Screwdriver tools
Adapter insert - TSD-M SAC-BIT ADAPTER - 1212600
Adapter bit for TSD-M...torque tools, E6.3-1/4" drive with 4 mm hexagon to accommodate SAC bits
 
 
Tool - SAC BIT M12-D15 - 1208432
Nut for assembling sensor/actuator cables with M12 connector and M12 connectors for assembly, with a knurl diameter
of 15 mm, for 4 mm hexagonal drive
 
 
Torque tool


Similar Part No. - 1417927

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417921 PHOENIX-1417921 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/ 3,0-542/FSSH SCO BK
1417923 PHOENIX-1417923 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/ 5,0-542/FSSH SCO BK
1417924 PHOENIX-1417924 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/10,0-542/FSSH SCO BK
1417925 PHOENIX-1417925 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/15,0-542/FSSH SCO BK
1417926 PHOENIX-1417926 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/20,0-542/FSSH SCO BK
More results

Similar Description - 1417927

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417958 PHOENIX-1417958 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 15,0-542/ FR SH SCO BK
1417963 PHOENIX-1417963 Datasheet
103Kb / 5P
   Sensor/Actuator cable - SAC-4P- 15,0-542/ FR SCO BK
1417956 PHOENIX-1417956 Datasheet
97Kb / 5P
   Sensor/Actuator cable - SAC-3P- 15,0-542/ FS SCO BK
1417928 PHOENIX-1417928 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-3P-20,0-542/ FR SCO BK
1417961 PHOENIX-1417961 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 15,0-542/ FS SH SCO BK
1417882 PHOENIX-1417882 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/15,0-542/ FS SCO BK
1417888 PHOENIX-1417888 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/15,0-542/FSSH SCO BK
1417959 PHOENIX-1417959 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FR SH SCO BK
1417966 PHOENIX-1417966 Datasheet
103Kb / 5P
   Sensor/Actuator cable - SAC-4P-15,0-542/ FS SCO BK
1417965 PHOENIX-1417965 Datasheet
103Kb / 5P
   Sensor/Actuator cable - SAC-4P- 20,0-542/ FR SCO BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com