Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEL12T-4016G-S1012 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEL12T-4016G-S1012
Description  12 mm Encoder with Switch and Illuminated Shaft
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12T-4016G-S1012 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEL12T-4016G-S1012 Datasheet HTML 1Page - Bourns Electronic Solutions PEL12T-4016G-S1012 Datasheet HTML 2Page - Bourns Electronic Solutions PEL12T-4016G-S1012 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEL12T-4xxxS-S1024 (Horizontal Mount w/Triple LED & Switch, Knurled Shaft)
PEL12T-4xxxF-S1024 (Horizontal Mount w/Triple LED & Switch, Flatted Shaft)
0.8
(.031)
5 PLCS.
18.0
(.709)
25.0
(.984)
7.0
(.276)
2.0 ± 0.1
(.079 ± .004)
2.8
(.110)
DIA.
7.0
(.276)
MOUNTING
SURFACE
0.8
(.031)
0.3
(.012)
0.3
(.012)
6.0
(.236)
DIA.
SWITCH
STROKE
18 TEETH
5.0
(.197)
7.0
(.276)
2.9
(.114)
0.5 +0/-0.3
(.020 +0/-.012)
7.0
(.276)
2.0 ± 0.1
(.079 ± .004)
2.8
(.110)
DIA.
7.0
(.276)
MOUNTING
SURFACE
0.8
(.031)
0.3
(.012)
0.3
(.012)
5.0
(.197)
2.9
(.114)
A
C
B
5.0
(.197)
8.2
(.323)
12.4
(.488)
14.0
(.551)
10.2
(.402)
13.2
(.520)
A
C
B
5.0
(.197)
8.2
(.323)
12.4
(.488)
14.0
(.551)
10.2
(.402)
13.2
(.520)
4
5
3
2
1
(-)
(+)
(-)
(-)
4
5
3
2
1
DIA. 3 PLCS.
1.1 +0.2/-0
(.043 +.008/-0)
DIA. 5 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
13.2 ± 0.1
(.520 ± .004)
2.1 +0.1/-0
(.083 +.004/-0)
2 PLCS.
2.0 +0.1/-0
(.079 +.004/-0)
2 PLCS.
7.5 ± 0.1
(.295 ± .004)
7.0 ± 0.1
(.276 ± .004)
8.0 ± 0.1
(.315 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.1
(.079 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
C
B
L1
LM
0.5
(.020)
4.5 ± 0.05
(.177 ± .002)
6.0 ± 0.1
(.236 ± .004)
DIA.
1.5
(.591)
SWITCH
STROKE
0.5 +0/-0.3
(.020 +0/-.012)
PEL12T-4xxxT-S1024 (Horizontal Mount w/Triple LED & Switch, Knurled Shaft w/Bushing)
PEL12T-4xxxG-S1024 (Horizontal Mount w/Triple LED & Switch, Flatted Shaft w/Bushing)
0.3
(.012)
6.0
(.236)
DIA.
18 TEETH
7.0
(.276)
7.0
(.276)
5.0
(.199)
L2
L1
LM
M9 X
0.75
(.030)
M9 X
0.75
(.030)
7.5
(.295)
17.5
(.689)
25.0
(.984)
PEL12T-12mmEncoderwithSwitchandIlluminatedShaft
Product Dimensions
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
DIMENSIONS:
MM
(INCHES)
L1
LM
3
(.118)
16
(.630)
5
(.197)
18.5
(.728)
7
(.276)
21
(.827)
12
(.472)
26
(1.024)
12
(.472)
31
(1.220)
Triple LED Circuit
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
PDB182-GTRB1,
PDB182-GTRB2
3/8”NEF
R2
R1
18 TEETH
C0.5
PLAIN
SHAFT
6.35
(.250)
DIA.
KNURLED
SHAFT
6.00
(.236)
DIA.
1.0
(.039)
1.5
(.059)
6.0
(.236)
9.5
(.374)
19.0
(.748)
11.3
(.445)
14.8
(.583)
7.7
(.303)
2.5
(.098)
1.5
(.059)
DIA.
FULL CW
30 °±10 °
1
2
3
17.0
(.669)
13.00
(.512)
13.00
(.512)
3.0
(.118)
5.0
(.197)
5.0
(.197)
NUT
WASHER
11.0 ± 0.5
(.433 ± .020
15.0 ± 0.5
(.591 ± .020)
DIA.
DIA.
2.0 ± 0.3
(.079 ± .012)
M3/8” X
32NUF
9.7 ± 0.3
(.382 ± .012)
2.8
(.110)
1.2
(.047)
7.8
(.307)
PEL12T-4xxxS-S1024 (Horizontal Mount w/Triple LED & Switch, Knurled Shaft)
PEL12T-4xxxF-S1024 (Horizontal Mount w/Triple LED & Switch, Flatted Shaft)
0.8
(.031)
5 PLCS.
18.0
(.709)
25.0
(.984)
7.0
(.276)
2.0 ± 0.1
(.079 ± .004)
2.8
(.110)
DIA.
7.0
(.276)
MOUNTING
SURFACE
0.8
(.031)
0.3
(.012)
0.3
(.012)
6.0
(.236)
DIA.
SWITCH
STROKE
18 TEETH
5.0
(.197)
7.0
(.276)
2.9
(.114)
0.5 +0/-0.3
(.020 +0/-.012)
7.0
(.276)
2.0 ± 0.1
(.079 ± .004)
2.8
(.110)
DIA.
7.0
(.276)
MOUNTING
SURFACE
0.8
(.031)
0.3
(.012)
0.3
(.012)
5.0
(.197)
2.9
(.114)
A
C
B
5.0
(.197)
8.2
(.323)
12.4
(.488)
14.0
(.551)
10.2
(.402)
13.2
(.520)
A
C
B
5.0
(.197)
8.2
(.323)
12.4
(.488)
14.0
(.551)
10.2
(.402)
13.2
(.520)
4
5
3
2
1
(-)
(+)
(-)
(-)
4
5
3
2
1
DIA. 3 PLCS.
1.1 +0.2/-0
(.043 +.008/-0)
DIA. 5 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
13.2 ± 0.1
(.520 ± .004)
2.1 +0.1/-0
(.083 +.004/-0)
2 PLCS.
2.0 +0.1/-0
(.079 +.004/-0)
2 PLCS.
7.5 ± 0.1
(.295 ± .004)
7.0 ± 0.1
(.276 ± .004)
8.0 ± 0.1
(.315 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.1
(.079 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
C
B
L1
LM
0.5
(.020)
4.5 ± 0.05
(.177 ± .002)
6.0 ± 0.1
(.236 ± .004)
DIA.
1.5
(.591)
SWITCH
STROKE
0.5 +0/-0.3
(.020 +0/-.012)
PEL12T-4xxxT-S1024 (Horizontal Mount w/Triple LED & Switch, Knurled Shaft w/Bushing)
PEL12T-4xxxG-S1024 (Horizontal Mount w/Triple LED & Switch, Flatted Shaft w/Bushing)
0.3
(.012)
6.0
(.236)
DIA.
18 TEETH
7.0
(.276)
7.0
(.276)
5.0
(.199)
L2
L1
LM
M9 X
0.75
(.030)
M9 X
0.75
(.030)
7.5
(.295)
17.5
(.689)
25.0
(.984)
Applications
Levelcontrol,tuningandtimersettingsin:
n
Audio-visualequipment
n
Consumerelectricappliances
n
Musicalinstrumentation
n
Communicationsequipment


Similar Part No. - PEL12T-4016G-S1012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12T-4016G-S1024 BOURNS-PEL12T-4016G-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
More results

Similar Description - PEL12T-4016G-S1012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D-4021F-S1024 BOURNS-PEL12D-4021F-S1024 Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com