Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1005646-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1005646-1
Description  Typiicall Applliicattiions fforr Piiezo Fiillm Sensorrs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1005646-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1005646-1 Datasheet HTML 2Page - Tyco Electronics 1005646-1 Datasheet HTML 3Page - Tyco Electronics 1005646-1 Datasheet HTML 4Page - Tyco Electronics 1005646-1 Datasheet HTML 5Page - Tyco Electronics 1005646-1 Datasheet HTML 6Page - Tyco Electronics 1005646-1 Datasheet HTML 7Page - Tyco Electronics 1005646-1 Datasheet HTML 8Page - Tyco Electronics 1005646-1 Datasheet HTML 9Page - Tyco Electronics 1005646-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
The DT series of piezo film sensors
elements are rectangular elements
of piezo film with silver ink screen
printed electrodes. They are avail-
able in a variety of different sizes
and thicknesses.
Lead attachment is accomplished
using a riveted lug going to 12” (300
mm) of 28 AWG wire.
The DT film element produces more
then 10 millivolts per micro-strain.
The capacitance is proportional to
the area and inversely proportional
to the thickness of the element.
The DT elements are supplied with
a thin urethane coating over the
active electrode area to prevent
oxidation to the top surface of the
silver ink.
MEASUREMENT SPECIALTIES, INC. www.meas-spec.com (757) 766-1500 Fax (757) 766-4297
5
DIMENSIONS in INCHES (mm)
DT Series Elements with Lead Attachment
Description
A
B
C
D
t
CapPart
FilmElectrode
FilmElectrode
(μm)
(nF)
Number
DT1-028K/L w/rivets
.64 (16)
.484 (12)
1.63 (41)
1.19 (30)
40
1.38
1-1002908-0
DT1-052K/L w/rivets
.64 (16)
.484 (12)
1.63 (41)
1.19 (30)
64
.740
2-1002908-0
DT2-028K/L w/rivets
.64 (16)
.484 (12)
2.86 (73)
2.42 (62)
40
2.78
1-1003744-0
DT2-052K/L w/rivets
.64 (16)
.484 (12)
2.86 (73)
2.42 (62)
64
1.44
2-1003744-0
DT4-028K/L w/rivets
.86 (22)
.740 (19)
6.72 (171)
6.13 (156)
40
11.00
1-1002150-0
DT4-052K/L w/rivets
.86 (22)
.740 (19)
6.72 (171)
6.13 (156)
64
5.70
2-1002150-0
Please contact the factory for pricing and custom part quotations.
800.745.8008
Effective: August 1st, 2008


Similar Part No. - 1005646-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
10056 HEYCO-10056 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10056101-1050011LF FCI-CONNECTOR-10056101-1050011LF Datasheet
911Kb / 5P
   AIRMAX VS VERTICAL HEADER
10056101-1050031LF FCI-CONNECTOR-10056101-1050031LF Datasheet
911Kb / 5P
   AIRMAX VS VERTICAL HEADER
logo
AVX Corporation
1005620 AVX-1005620 Datasheet
776Kb / 5P
   GPS L1 & L5 Ceramic Patch Antenna
5/12/2022
1005621 AVX-1005621 Datasheet
684Kb / 5P
   GPS L1 & L5 Ceramic PatchAntenna
9/12/2022 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com