Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV8131 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV8131
Description  5V AND 8V VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8131 Datasheet(HTML) 2 Page - STMicroelectronics

  STV8131 Datasheet HTML 1Page - STMicroelectronics STV8131 Datasheet HTML 2Page - STMicroelectronics STV8131 Datasheet HTML 3Page - STMicroelectronics STV8131 Datasheet HTML 4Page - STMicroelectronics STV8131 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STV8131
2/5
Figure 2. Block Diagram
CIRCUIT DESCRIPTION
The STV8131 is a dual voltage regulator with sep-
arate Disable for each output.
The two regulation parts are supplied from one
voltage reference circuit trimmed by zener zap
during EWS test.
Since the supply voltage of this last is connected
at Pin 1 (VIN1), the regulator 2 will not work if Pin 1
is not supplied.
The outputs stage have been realized in darlington
configuration with a drop typical 1.2V.
For each output a disable circuit switches-off this
output if a voltage lower than 0.8V is applied at
corresponding Pin (Pin 3 for output 2, Pin 5 for out-
put 1).
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
1
2
3
4
5
6
7
REFERENCE
OUTPUT 1
OUTPUT 2
PROTECTION
DISABLE
DISABLE
STV8131
OUTPUT 2
OUTPUT 1
DISABLE
DISABLE
INPUT 1
INPUT 2
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage Pin 1
20
V
VDIS
Disable Input Voltage Pin 3-5
20
V
IO1, 2
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
TSTG
Storage Temperature
- 65 to + 150
°C
TJ
unction Temperature
0 to + 150
°C
Symbol
Parameter
Value
Unit
RTH(j-c)
Thermal Resistance Junction-case
Max.
3
°C/W
TJ
Recommended Junction Temperature
Max.
130
°C
1


Similar Part No. - STV8131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
   3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
June 2000
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
   ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
STV8130B STMICROELECTRONICS-STV8130B Datasheet
159Kb / 9P
   3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
June 2000
More results

Similar Description - STV8131

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
CS8371 CHERRY-CS8371 Datasheet
174Kb / 8P
   8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
   5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
   DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
   5V POSITIVE VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
   5V Positive Voltage Regulator
logo
NTE Electronics
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
logo
Monolithic Power System...
MP8126 MPS-MP8126 Datasheet
313Kb / 13P
   550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com