Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ3400A Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJ3400A
Description  SOT-23 Plastic-Encapsulate MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ3400A Datasheet(HTML) 2 Page - ZP Semiconductor

  CJ3400A Datasheet HTML 1Page - ZP Semiconductor CJ3400A Datasheet HTML 2Page - ZP Semiconductor CJ3400A Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Off Characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =250µA
30
V
Zero gate voltage drain current
IDSS
VDS =24V,VGS = 0V
1
µA
Gate-source leakage current
IGSS
VGS =±12V, VDS = 0V
±100
nA
On characteristics (note 3)
VGS =10V, ID =5.8A
32
mΩ
VGS =4.5V, ID =5A
38
mΩ
Drain-source on-resistance
RDS(on)
VGS =2.5V,ID=4A
45
mΩ
Forward tranconductance
gFS
VDS =5V, ID =5A
8
S
Gate threshold voltage
VGS(th)
VDS =VGS, ID =250µA
0.7
1.4
V
Dynamic Characteristics
(note 4,5)
Input capacitance
Ciss
1155
pF
Output capacitance
Coss
108
pF
Reverse transfer capacitance
Crss
VDS =15V,VGS =0V,f =1MHz
84
pF
Gate resistance
Rg
VDS =0V,VGS =0V,f =1MHz
3.6
Switching Characteristics
(note 4,5)
Turn-on delay time
td(on)
5
ns
Turn-on rise time
tr
7
ns
Turn-off delay time
td(off)
40
ns
Turn-off fall time
tf
VGS=10V,VDS=15V,
RL=2.7Ω,RGEN=3Ω
6
ns
Drain-source diode characteristics and maximum ratings
Diode forward voltage (note 3)
VSD
IS=1A,VGS=0V
1
V
Note :
1.
Repetitive Rating : Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t < 5 sec.
3.
Pulse Test : Pulse Width≤300µs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.
2 of 3
A,Dec,2010
sales@zpsemi.com
www.zpsemi.com
CJ3400A


Similar Part No. - CJ3400A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ3400A JIANGSU-CJ3400A Datasheet
1,018Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CJ3400A

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETs
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Microdiode Electronics ...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Nanjing International G...
NJ2301 DGNJDZ-NJ2301 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com