Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1033UCB4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN1033UCB4
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1033UCB4 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN1033UCB4 Datasheet HTML 1Page - Diodes Incorporated DMN1033UCB4 Datasheet HTML 2Page - Diodes Incorporated DMN1033UCB4 Datasheet HTML 3Page - Diodes Incorporated DMN1033UCB4 Datasheet HTML 4Page - Diodes Incorporated DMN1033UCB4 Datasheet HTML 5Page - Diodes Incorporated DMN1033UCB4 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN1033UCB4
Document number: DS36264 Rev. 2 - 2
4 of 6
www.diodes.com
September 2013
© Diodes Incorporated
DMN1033UCB4
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I= 1mA
D
I= 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
T = 25°C
A
1.2
1.4
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
f = 1MHz
100
1000
10000
0
2
4
6
8
10
12
Ciss
Coss
Crss
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 10 Gate-Source Leakage Current vs. Voltage
0.1
1
10
100
1000
10000
12
3
4
56
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A
V , DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
T
= 150°C
T = 25°C
Single Pulse
DUT on 1 * MRP Board
V
= 6V
J(max)
GS
A
0.01
0.1
1
10
100
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
P = 100 s
W
µ


Similar Part No. - DMN1033UCB4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results

Similar Description - DMN1033UCB4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSN20 DIODES-BSN20_15 Datasheet
183Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
BSS127 DIODES-BSS127_15 Datasheet
314Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN65D8LFB DIODES-DMN65D8LFB_15 Datasheet
334Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2030UCB4 DIODES-DMN2030UCB4 Datasheet
612Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
December 2014 Rev. 1- 2
DMN3008SCP10 DIODES-DMN3008SCP10 Datasheet
546Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN60H080DS DIODES-DMN60H080DS Datasheet
544Kb / 7P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
2N7002XFB DIODES-2N7002XFB Datasheet
117Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_15 Datasheet
608Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com