Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C1551CQ48 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C1551CQ48
Description  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1551CQ48 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C1551CQ48 Datasheet HTML 1Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 2Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 3Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 4Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 5Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 6Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 7Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 8Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
áç
áç
áç
áç
ST16C1550/51
REV. 4.2.0
2.97V TO 5.5V UART WITH 16-BYTE FIFO
5
PIN DESCRIPTIONS
NAME
28-PIN
PDIP
(1550)
28-PIN
PDIP
(1551)
28-PIN
PLCC
(1550)
28-PIN
PLCC
(1551)
48-PIN
TQFP
TYPE
DESCRIPTION
DATA BUS INTERFACE
A0
A1
A2
21
20
19
21
20
19
21
20
19
21
20
19
30
28
27
I
Address data lines [2:0]. A2:A0 selects internal UART’s
configuration registers.
D0
D1
D2
D3
D4
D5
D6
D7
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
43
45
46
47
3
4
5
6
I/O
Data bus lines [7:0] (bidirectional).
IOR#
16
15
16
15
20
I
Input/Output Read (active low). The falling edge instigates
an internal read cycle and retrieves the data byte from an
internal register pointed by the address lines [A2:A0], places
it on the data bus to allow the host processor to read it on
the leading edge.
IOW#
14
13
14
13
17
I
Input/Output Write (active low). The falling edge instigates
the internal write cycle and the rising edge transfers the
data byte on the data bus to an internal register pointed by
the address lines [A2:A0].
CS#
11
11
11
11
9
I
Chip Select input (active low). A logic 0 on this pin selects
the ST16C155X device.
INT
18
18
18
18
23
O
Interrupt Output (three-state, active high). INT output
defaults to three-state mode and becomes active high when
MCR bit-3 is set to a logic 1. INT output becomes a logic
high level when interrupts are enabled in the interrupt
enable register (IER), and whenever the transmitter,
receiver, line and/or modem status register has an active
condition.
MODEM OR SERIAL I/O INTERFACE
TX
10
10
10
10
8
O
Transmit Data. This output is associated with individual
serial transmit channel data from the 155X. The TX signal
will be a logic 1 during reset, idle (no data), or when the
transmitter is disabled. During the local loopback mode, the
TX output pin is disabled and TX data is internally con-
nected to the UART RX input.
RX
9
9
9
9
7
I
Receive Data. This input is associated with individual serial
channel data to the 155X. Normal received data input idles
at logic 1 condition. This input must be connected to its idle
logic state, logic 1, else the receiver may report “receive
break” and/or “error” condition(s).


Similar Part No. - ST16C1551CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1551CQ48 EXAR-ST16C1551CQ48 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C1551CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com