Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA7360 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA7360
Description  20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 2Page - STMicroelectronics STA7360 Datasheet HTML 3Page - STMicroelectronics STA7360 Datasheet HTML 4Page - STMicroelectronics STA7360 Datasheet HTML 5Page - STMicroelectronics STA7360 Datasheet HTML 6Page - STMicroelectronics STA7360 Datasheet HTML 7Page - STMicroelectronics STA7360 Datasheet HTML 8Page - STMicroelectronics STA7360 Datasheet HTML 9Page - STMicroelectronics STA7360 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STA7360
6/18
Figure 5. Output Power vs. Supply Voltage
(Stereo)
Figure 6. Output Power vs. Supply Voltage
(Stereo)
Figure 7. Output Power vs. Supply Voltage
(Stereo)
Figure 8. Output Power vs. Supply Voltage
(Bridge)
Figure 9. Drain Current vs Supply Voltage
(Stereo)
Figure 10. Distortion vs Output Power (Stereo)


Similar Part No. - STA7360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA7360 STMICROELECTRONICS-STA7360_11 Datasheet
1Mb / 28P
   20 W bridge/stereo audio amplifier with clipping detector
More results

Similar Description - STA7360

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7360 UTC-TDA7360 Datasheet
184Kb / 6P
   20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
logo
STMicroelectronics
TDA7360 STMICROELECTRONICS-TDA7360 Datasheet
224Kb / 22P
   22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
STA7360 STMICROELECTRONICS-STA7360_11 Datasheet
1Mb / 28P
   20 W bridge/stereo audio amplifier with clipping detector
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
logo
STMicroelectronics
TDA7362 STMICROELECTRONICS-TDA7362 Datasheet
753Kb / 17P
   2x8W CAR RADIO AMPLIFIER WITH CLIPPING DETECTOR
May 1991
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com