Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100603210149 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100603210149
Description  Messerleiste C 64 Lot
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100603210149 Datasheet(HTML) 1 Page - ERNI Electronics

  100603210149 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,54
31 x
2,54
(=78,74)
31 x 2,54 = 78,74
2,54
E S L
Stecklänge / mating length
E =
early mate, late break / voreilend
S = standard
L = late mate, early break / nacheilend
Leiterplatten-Lochbild /
PCB drillhole pattern
18
alle Löcher/
all holes
17
11
31
19
1
30
26
7
22
10
3
32
c
13
24
5
2
28
25
14
27
20
16
21
12
4
9 8
23
6
15
29
b
a
0,05
88,9
+0,1
2,8
1 ±0,1
Designation
Information:
Drawing will not be updated.
A3
Index
All Dimensions
in mm
26.08.2016
contact one of the ERNI companies
version of this drawing, please
before using.
www.ERNI.com
c
2:1
100603210149
Tolerances
Scale
Class
Messerleiste C 64 Löt
I
STVC
Male Connector C64 solder
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Datum
mating length
date
RC 2
RC 2
RC 2
RC 2
XXXXXXX
XXXXXXX
XXXXXXX
XXXXXXX
Stecklänge
ERNI
ERNI
ERNI
ERNI
Anforderungsstufe
class
+0,1
2,5
87,5
88,9
max.94
a1
c32
c1
a32
85,2
+0,2
a b c
-0,4
3
6 ±0,1
Lötanschluss 0,6x0,6mm
/ solder terminal 0,6x0,6mm
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen
/ performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
17
S
S
S
S
18
21
26
22
23
24
25
27
28
29
30
31
1
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
16
S
S
S
S
S
S
S
S
20
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
contact layout
c
b
a
2
3
4
5
6
7
8
9
10
11
19
12
13
14
15
Bestückungsplan /
32


Similar Part No. - 100603210149

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100603210146 ERNI-100603210146 Datasheet
67Kb / 1P
   Messerl. SMC-Q 12-SMD-BA8-13
More results

Similar Description - 100603210149

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100103210038 ERNI-100103210038 Datasheet
79Kb / 1P
   Messerleiste C 64 Lot
100100760001 ERNI-100100760001 Datasheet
565Kb / 1P
   MESSERLEISTE C 64 LOT
100603210096 ERNI-100603210096 Datasheet
79Kb / 1P
   Messerleiste C 64 Lot
100203210115 ERNI-100203210115 Datasheet
79Kb / 1P
   Messerleiste C 64 Lot
100103210152 ERNI-100103210152 Datasheet
81Kb / 1P
   Messerleiste C 64 Lot
100203210153 ERNI-100203210153 Datasheet
80Kb / 1P
   Messerleiste C 64 LotClip
384047 ERNI-384047 Datasheet
60Kb / 1P
   Messerleiste C 64 Lot Clip
100100760002 ERNI-100100760002 Datasheet
611Kb / 1P
   MESSERLEISTE C 96 LOT
100203210160 ERNI-100203210160 Datasheet
94Kb / 1P
   Messerleiste C 96 Lot
100203210081 ERNI-100203210081 Datasheet
93Kb / 1P
   Messerleiste C 96 Lot
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com