Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR421UW6Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BCR421UW6Q
Description  LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR421UW6Q Datasheet(HTML) 3 Page - Diodes Incorporated

  BCR421UW6Q Datasheet HTML 1Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 2Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 3Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 4Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 5Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 6Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 7Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 8Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BCR420UW6Q / BCR421UW6Q
Document number: DS38302 Rev. 2 - 2
3 of 13
www.diodes.com
May 2016
© Diodes Incorporated
BCR420UW6Q / BCR421UW6Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage
BVCEO
40
V
IC = 1mA
Enable Current
BCR420U
IEN
1.2
mA
VEN = 24V
BCR421U
1.2
VEN = 3.3V
DC Current Gain
hFE
200
350
500
IC = 50mA; VCE = 1V
Internal Resistor
RINT
85
95
105
IRINT = 10mA
Bias Resistor
BCR420U
RB
20
kΩ
BCR421U
1.5
Output Current
BCR420U
IOUT
9
10
11
mA
VOUT = 1.4V; VEN = 24V
BCR421U
9
10
11
mA
VOUT = 1.4V; VEN = 3.3V
Output Current at
REXT = 5.1Ω
BCR420U
IOUT
150
mA
VOUT > 2.0V; VEN = 24V
BCR421U
150
mA
VOUT > 2.0V; VEN = 3.3V
Voltage Drop (VREXT)
VDROP
0.85
0.95
1.05
V
IOUT = 10mA
Minimum Output Voltage
VOUT(MIN)
1.4
V
IOUT > 18mA
Output Current Change
vs. Temperature
BCR420U
ΔIOUT/IOUT
-0.2
%/°C
VOUT > 2.0V; VEN = 24V
BCR421U
-0.2
VOUT > 2.0V; VEN = 3.3V
Output Current Change
vs. Supply Voltage
BCR420U
ΔIOUT/IOUT
1
%/V
VOUT > 2.0V; VEN = 24V
BCR421U
1
VOUT > 2.0V; VEN = 3.3V


Similar Part No. - BCR421UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
   Linear LED Constant Current Regulator in SOT26
BCR421UW6Q-7 DIODES-BCR421UW6Q-7 Datasheet
536Kb / 11P
   Linear LED Constant Current Regulator in SOT26
More results

Similar Description - BCR421UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6 Datasheet
648Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
   Linear LED Constant Current Regulator in SOT26
BCR402UW6 DIODES-BCR402UW6 Datasheet
403Kb / 7P
   20 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR405UW6 DIODES-BCR405UW6 Datasheet
406Kb / 7P
   50 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR401UW6 DIODES-BCR401UW6 Datasheet
407Kb / 7P
   10 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
BCR420UFDQ DIODES-BCR420UFDQ Datasheet
746Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
   LED CONSTANT CURRENT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com