Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR420UW6Q Datasheet(PDF) 8 Page - Diodes Incorporated

Part # BCR420UW6Q
Description  LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UW6Q Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button BCR420UW6Q Datasheet HTML 4Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 5Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 6Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 7Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 8Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 9Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 10Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 11Page - Diodes Incorporated BCR420UW6Q Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BCR420UW6Q / BCR421UW6Q
Document number: DS38302 Rev. 2 - 2
8 of 13
www.diodes.com
May 2016
© Diodes Incorporated
BCR420UW6Q / BCR421UW6Q
Typical Electrical Characteristics BCR420U (Cont.) (@TA = +25°C, unless otherwise specified.)
0
5
10
15
20
25
30
0.000
0.005
0.010
0.015
0
5
10
15
20
25
30
35
40
0.0
500.0μ
1.0m
1.5m
2.0m
2.5m
3.0m
0
5
10
15
20
25
30
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
0.00
0.05
0.10
0.15
0.20
R
EXT
= open
V
OUT
=2V
85
oC
25
oC
-40
oC
I
OUT
= 0A
V
EN
(V)
V
EN
(V)
V
EN
(V)
V
EN
(V)
R
EXT
= open
85
oC
25
oC
-40
oC
V
EN
vs I
OUT
V
EN
vs I
OUT
V
EN
vs I
OUT
R
EXT
=6
V
OUT
=2V
25
oC
V
EN
vs I
EN
85
oC
-40
oC
R
EXT
= 20
V
OUT
=2V
85
oC
25
oC
-40
oC


Similar Part No. - BCR420UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6 Datasheet
648Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
BCR420UW6 DIODES-BCR420UW6 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
BCR420UW6-7 DIODES-BCR420UW6-7 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
More results

Similar Description - BCR420UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6 Datasheet
648Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
   Linear LED Constant Current Regulator in SOT26
BCR402UW6 DIODES-BCR402UW6 Datasheet
403Kb / 7P
   20 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR405UW6 DIODES-BCR405UW6 Datasheet
406Kb / 7P
   50 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR401UW6 DIODES-BCR401UW6 Datasheet
407Kb / 7P
   10 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
BCR420UFDQ DIODES-BCR420UFDQ Datasheet
746Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
   LED CONSTANT CURRENT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com