Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72561 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72561 Datasheet HTML 1Page - STMicroelectronics ST72561 Datasheet HTML 2Page - STMicroelectronics ST72561 Datasheet HTML 3Page - STMicroelectronics ST72561 Datasheet HTML 4Page - STMicroelectronics ST72561 Datasheet HTML 5Page - STMicroelectronics ST72561 Datasheet HTML 6Page - STMicroelectronics ST72561 Datasheet HTML 7Page - STMicroelectronics ST72561 Datasheet HTML 8Page - STMicroelectronics ST72561 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 262 page
background image
ST72561
5/262
1 INTRODUCTION
The ST72561/ST72563 devices are members of
the ST7 microcontroller family designed for mid-
range applications with CAN (Controller Area Net-
work) and LIN (Local Interconnect Network) inter-
face.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with FLASH or ROM pro-
gram memory.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication
and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
OSC2
RESET
PORT A
CONTROL
RAM
(512 - 2048 Bytes)
PA7:0
(8 bits)1
PROGRAM
(16 - 60 K Bytes)
MEMORY
PLL x 2
PWM
8-bit
PORT B
PORT C
SPI
LIN
SCI2
PB7:0
(8 bits)1
PC7:0
(8 bits)1
CAN
(2.0B ACTIVE)
OSC
PORT D
PD7:0
(8 bits)1
/2
option
LIN
SCI1
16-Bit
TIMER
(LIN master)
(LIN master/slave)
VSS
VDD
POWER
SUPPLY
PORT E
PE7:0
(8 bits)1
PORT F
PF7:0
(8 bits)1
TIMER
ART
MCC
(Clock Control)
1On some devices only, see Device Summary on page 1
TLI1
WATCHDOG
WINDOW
3


Similar Part No. - ST72561

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72561AR4-Auto STMICROELECTRONICS-ST72561AR4-Auto Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
ST72561AR6-Auto STMICROELECTRONICS-ST72561AR6-Auto Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
ST72561AR7-Auto STMICROELECTRONICS-ST72561AR7-Auto Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
ST72561AR9-Auto STMICROELECTRONICS-ST72561AR9-Auto Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
ST72561J4-Auto STMICROELECTRONICS-ST72561J4-Auto Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
More results

Similar Description - ST72561

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com