Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3021 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # T3021
Description  TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T3021 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  T3021 Datasheet HTML 1Page - Pulse A Technitrol Company T3021 Datasheet HTML 2Page - Pulse A Technitrol Company T3021 Datasheet HTML 3Page - Pulse A Technitrol Company T3021 Datasheet HTML 4Page - Pulse A Technitrol Company T3021 Datasheet HTML 5Page - Pulse A Technitrol Company T3021 Datasheet HTML 6Page - Pulse A Technitrol Company T3021 Datasheet HTML 7Page - Pulse A Technitrol Company T3021 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
18
www.pulseeng.com
G003.U (2/07)
THT
SMT
THT
SMT
Alcatel (Microelectronics)
MTC20276
T4043
AKM
AK5204
T4022
Infineon Technologies (Siemens)
PEB 2091
PT5031
T4031
PE-65575
T4002
PE-68669
PEB 8091/8191
T4031
PE-65575
T4002
PE-68669
PEB 2090/20901
T4067
PE-65578
PEB 24902/11
T4031
PE-65575
T4002
PE-68669
PSB 21910/11
T4031
PE-65575
T4002
PE-68669
PEB 2491
T4032
PEB 20901
T4067
PE-65578
PEB 2095
PSB 2196
Lucent Technologies
T7234
PT4084
T4008
Motorola
MC145472
PE-65579
MC145572
PT5062
T4033
PE-68628 1
T40012 PE-68668
National Semiconductor
TP3410
PT5065
PE-65583
PE-68631
PE-65584
T4004
Thomson
SD 5411
PE-65581
T4006
PE-68631
1. Small package for North American applications available.
See T618 data sheet.
2. Suitable for use in North America only.
ISDN U-Interface
IC Manufacturer/
Recommended Transformer
IC Part Number
1.5 kV
2 kV
2.5 kV
3 kV
IC CROSS REFERENCE
ISDN S-Interface
IC Manufacturer/
Dual SMT
Single THT
Dual THT
Dual SMT Module
THT Module w/
Single THT
Dual SMT
PCMCIA
Part Number
1.5kVRMS
Choke 1.5kVRMS
3kVRMS
3kVRMS
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
Alcatel (Microelectronics)
MTC2072, MTC20172
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
MTC20276/77
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
AMD
AM79C30/32
PE-65799/T5006 L P
PE-64999
PE-65499
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Cologne Chip Design
HFC-SXX
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68999/T5035
T5042
T5003
Infineon Technologies (Siemens)
PEB2080/81/84/85/86
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
PSB2115/86
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
PSB21381/82/83/84
PE-65793/T5008 LP/ST5048
PE-64993
PE-65493
T5049
T5011
PE-68993
T5002
PEB3018/86,PSB3186
PE-65793/T5008 LP/ST5048
PE-64993
PE-65493
T5049
T5011
PE-68993
T5002
PEB8090/91, PEB8190/91
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
Intel
29C53
PE-65795/T5010 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Lucent Technologies
T7234, T7254
PE-65798/T5005 LP
PE-64998
PE-65498
T5037/T5039
T5013
PE-68998
T5043
T5004
T7250/56/59
PE-65798/T5005 LP
PE-64998
PE-65498
T5037/T5039
T5013
PE-68998
T5043
T5004
T7901/03
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Mitel
MT8930/31
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Motorola
MC145474/475
PE-65793/T5008 LP/ST5048
PE-64993
PE-65493
T5049
T5011
PE-68993
T5002
MC145574
PE-65798/T5005 LP
PE-64998
PE-65498
T5037/T5039
T5013
PE-68998
T5043
T5004
National Semiconductor
TP3420/21
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
SGS Thomson
ST5420/21
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Yamaha
7405B, YTD421
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
NOTE: LP = Low Profile
Echelon® & Digital Audio
DDS/Switched 56
SONET/SDH (STM-1/E4/CMI) DUAL TRANSFORMERS
Echelon ®
3120™ 1.25 Mbps
PE-65848
PE-65948
3150™ 1.25 Mbps
PE-65848
PE-65948
AKM
AK4101
PE-65812
PE-65612
AK4102
PE-65812
PE-65612
AK4103
PE-65812
PE-65612
Cirrus Logic
CS8401/2/3/4
PE-65812
PE-65612
CS8405/8415
PE-65812
PE-65612
CS8413/14/27
PE-65812
PE-65612
CS8406/8416
T6074/T6075
Realtek
ALS300+
PE-65812
PE-65612
IC Manufacturer
IC Part Number
Single
SMT
THT
IC Manufacturer
IC Part Number
Recommended Transformer
Dual SMT
Intel
LXT 441
T7002
Intel
LXT 441
T7006
IC Manufacturer
IC Part Number
Recommended Transformer
Single SMT
AMCC
S3015, S3016, S3031B
A7802
Intel
LXT6155
ST6200QNL
*L/W/H is measured on surface mount parts tip to tip (height includes wash area).
SMT - Surface Mount Package
THT - Through Hole Package
TELECOM IC CROSS REFERENCE
Telecom IC Cross Reference


Similar Part No. - T3021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T302105 E-SWITCH-T302105 Datasheet
213Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T302106 E-SWITCH-T302106 Datasheet
104Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T302107 E-SWITCH-T302107 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T302108 E-SWITCH-T302108 Datasheet
79Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T302110 E-SWITCH-T302110 Datasheet
124Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T3021

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF00123D1 XFMRS-XF00123D1 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
52Kb / 1P
   TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
   TRANSFORMERS
XF01962-20 XFMRS-XF01962-20_15 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
   TRANSFORMERS
XF5006T7 XFMRS-XF5006T7_15 Datasheet
67Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
42Kb / 1P
   TRANSFORMERS
XF00123D XFMRS-XF00123D Datasheet
39Kb / 1P
   TRANSFORMERS
XF0506-CM4 XFMRS-XF0506-CM4 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0356-CM1 XFMRS-XF0356-CM1 Datasheet
87Kb / 1P
   TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com