Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4269AD250R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV4269AD250R2G
Description  Micropower 150 mA LDO Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269AD250R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV4269AD250R2G Datasheet HTML 1Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 2Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 3Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 4Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 5Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 6Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 7Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 8Page - ON Semiconductor NCV4269AD250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCV4269A
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TJ ≤ 150°C, VI = 13.5 V unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
REGULATOR
Output Voltage (5.0 V Version)
VQ
1 mA
v IQ v 100 mA, 6 V v VI v 16 V
4.90
5.00
5.10
V
Output Voltage (3.3 V Version)
VQ
1 mA
v IQ v 100 mA, 5.5 V v VI v 16 V
3.234
3.30
3.366
V
Current Limit
IQ
150
200
500
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 1 mA, RO, SO High
190
250
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 10 mA, RO, SO High
250
450
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 50 mA, RO, SO High
2.0
3.0
mA
Dropout Voltage (5.0 V Version)
Vdr
VI = 5 V, IQ = 100 mA
0.25
0.5
V
Load Regulation
DVQ
IQ = 5 mA to 100 mA
10
20
mV
Line Regulation
DVQ
VI = 6 V to 26 V IQ = 1 mA
10
30
mV
RESET GENERATOR
Reset Switching Threshold
5.0 V Version
3.3 V Version
VRT
4.50
2.97
4.65
3.07
4.80
3.17
V
Reset Adjust Switching Threshold
5.0 V Version
3.3 V Version
VRADJ,TH
VQ > 3.5 V
VQ > 2.3 V
1.26
1.26
1.35
1.35
1.44
1.44
V
Reset Pullup Resistance
RRO,INT
10
20
40
k
W
Reset Output Saturation Voltage
VRO,SAT
VQ < VRT, RRO, INT
0.1
0.4
V
Upper Delay Switching Threshold
5.0 V Version
3.3 V Version
VUD
1.4
0.7
1.8
1.23
2.2
1.6
V
Lower Delay Switching Threshold
5.0 V Version
3.3 V Version
VLD
0.3
0.3
0.45
0.49
0.60
0.60
V
Saturation Voltage on Delay Capacitor
VD,SAT
VQ < VRT
0.1
V
Charge Current
5.0 V Version
3.3 V Version
ID,C
VD = 1 V
VD = 1 V
3.0
3.0
6.5
4.3
9.5
7.0
mA
Delay Time L
³ H
td
CD = 100 nF
17
28
73
ms
Delay Time H
³ L
tRR
CD = 100 nF
3.15
ms
INPUT VOLTAGE SENSE
Sense Threshold High
VSI,High
1.24
1.31
1.38
V
Sense Threshold Low
VSI,Low
1.16
1.20
1.28
V
Sense Output Saturation Voltage
VSO,Low
VSI < 1.20 V; VQ > 3 V; RSO
0.1
0.4
V
Sense Resistor Pullup
RSO,INT
10
20
40
k
W
Sense Input Current
ISI
−1.0
0.1
1.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV4269AD250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269AD250R2G ONSEMI-NCV4269AD250R2G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
More results

Similar Description - NCV4269AD250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com