Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8186BMN175TAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8186BMN175TAG
Description  Fast Transient Response Low Voltage 1 A LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8186BMN175TAG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8186BMN175TAG Datasheet HTML 1Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 2Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 3Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 4Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 5Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 6Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 7Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 8Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCV8186
www.onsemi.com
2
Figure 2. Internal Block Diagram
IN
EN
OUT
GND
VOLTAGE REFERENCE
AND
SOFT−START
FB
0.7 V
THERMAL
SHUTDOWN
VOLTAGE REFERENCE
AND
SOFT−START
0.7 V
THERMAL
SHUTDOWN
IN
EN
OUT
GND
FB
NCV8186A (with output discharge)
NCV8186B (without output discharge)
Table 1. PIN FUNCTION DESCRIPTION
Pin No. DFN8
Pin Name
Description
1
OUT
LDO output pin
2
3
N/C
Not internally connected. This pin can be tied to the ground plane to improve thermal dissipation.
4
FB
Feedback input pin
5
GND
Ground pin
6
EN
Chip enable input pin (active “H”)
7
IN
Power supply input pin
8
EPAD
EPAD
It’s recommended to connect the EPAD to GND, but leaving it open is also acceptable
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
IN
−0.3 to 6.0
V
Output Voltage
OUT
−0.3 to VIN + 0.3
V
Chip Enable Input
EN
−0.3 to 6.0
V
Output Current
IOUT
Internally Limited
mA
Maximum Junction Temperature
TJ(MAX)
125
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Air, DFN8 2 mm x 2 mm
RqJA
93
°C/W


Similar Part No. - NCV8186BMN175TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186BMN175TAG ONSEMI-NCV8186BMN175TAG Datasheet
212Kb / 10P
   Fast Transient Response Low Voltage
April, 2018 ??Rev. 3
More results

Similar Description - NCV8186BMN175TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
logo
ON Semiconductor
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com