Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74VMEH22501DGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74VMEH22501DGVR
Description  8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501DGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74VMEH22501DGVR Datasheet HTML 4Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 5Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 6Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 7Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 8Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 9Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 10Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 11Page - Texas Instruments SN74VMEH22501DGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SN74VMEH22501
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES357E − JULY 2001 − REVISED MARCH 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range for A and B
ports (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC = 3.45 V, IO = 0,
Outputs high
30
ICC
VCC = 3.45 V, IO = 0,
VI = VCC or GND
Outputs low
30
mA
ICC
VI = VCC or GND
Outputs disabled
30
mA
ICCD
VCC = 3.45 V, IO = 0,
VI = VCC or GND,
One data input switching at
Outputs enabled
76
µA/
clock
ICCD
ICC
One data input switching at
one-half clock frequency,
50% duty cycle
Outputs disabled
19
clock
MHz/
input
∆ICCh
VCC = 3.15 V to 3.45 V, One input at VCC − 0.6 V,
Other inputs at VCC or GND
750
µA
Ci
1A and 2A inputs
VI = 3.15 V or 0
2.8
pF
Ci
Control inputs
VI = 3.15 V or 0
2.6
pF
Co
1Y or 2Y outputs
VO = 3.15 V or 0
5.6
pF
Cio
3A port
VCC = 3.3 V,
VO = 3.3 V or 0
7.9
pF
Cio
Any B port
VCC = 3.3 V,
VO = 3.3 V or 0
11
12.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
h This is the increase in supply current for each input that is at the specified TTL voltage level, rather than V
CC or GND.
live-insertion specifications over recommended operating free-air temperature range for B port
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ICC (BIAS VCC)
VCC = 0 to 3.15 V,
BIAS VCC = 3.15 V to 3.45 V, IO(DC) = 0
5
mA
ICC (BIAS VCC)
VCC = 3.15 V to 3.45 V‡,
BIAS VCC = 3.15 V to 3.45 V, IO(DC) = 0
10
µA
VO
VCC = 0,
BIAS VCC = 3.15 V to 3.45 V
1.3
1.5
1.7
V
IO
VCC = 0
VO = 0,
BIAS VCC = 3.15 V
−20
−100
A
IO
VCC = 0
VO = 3 V,
BIAS VCC = 3.15 V
20
100
µA
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ VCC − 0.5 V < BIAS VCC


Similar Part No. - SN74VMEH22501DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501DGVR TI-SN74VMEH22501DGVR Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
More results

Similar Description - SN74VMEH22501DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com