Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN431 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AN431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AN431 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AN431 Datasheet HTML 5Page - Diodes Incorporated AN431 Datasheet HTML 6Page - Diodes Incorporated AN431 Datasheet HTML 7Page - Diodes Incorporated AN431 Datasheet HTML 8Page - Diodes Incorporated AN431 Datasheet HTML 9Page - Diodes Incorporated AN431 Datasheet HTML 10Page - Diodes Incorporated AN431 Datasheet HTML 11Page - Diodes Incorporated AN431 Datasheet HTML 12Page - Diodes Incorporated AN431 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AN431
Document number: DS37414 Rev. 3 - 2
10 of 13
www.diodes.com
April 2015
© Diodes Incorporated
AN431
A Product Line of
Diodes Incorporated
Ordering Information
AN431 X X – X XX XX
Packing
Package
TR : Tape & Reel
Product Name
N : SOT-23
G1 : Green
Condition
Product Version
A : 0.5%
A : AN431 (40V)
E1/G1
E1 : Lead Free
B : 1.0%
Marking Information
(Top View)
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
Lead Free
Green
Lead Free
Green
SOT-23
-40 to +125
C
0.5%
AN431AN-
ATRE1
AN431AN-
ATRG1
EB1
GB1
3000/
Tape & Reel
1.0%
AN431BN-
ATRE1
AN431BN-
ATRG1
EB2
GB2
3000/
Tape & Reel
3
2
1
XXX
: Logo
XXX : Marking ID (See Ordering Information)
Pb
Lead-Free


Similar Part No. - AN431

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
   Using ST6 analog inputs for multiple key decoding
AN4310 STMICROELECTRONICS-AN4310 Datasheet
181Kb / 8P
   Sampling capacitor selection guide for MCU based touch sensing applications
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
   Guidelines for designing touch sensing applications with surface sensors
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
More results

Similar Description - AN431

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com