Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN74VMEH22501 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74VMEH22501
Description  8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 21 page
background image
SN74VMEH22501
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES357E − JULY 2001 − REVISED MARCH 2004
21
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
VMEbus SUMMARY
In 1981, the VMEbus was introduced as a backplane bus architecture for industrial and commercial applications. The
data-transfer protocols used to define the VMEbus came from the Motorola
 VERSA bus architecture that owed its
heritage to the then recently introduced Motorola 68000 microprocessor. The VMEbus, when introduced, defined two
basic data-transfer operations: single-cycle transfers consisting of an address and a data transfer, and a block
transfer (BLT) consisting of an address and a sequence of data transfers. These transfers were asynchronous, using
a master-slave handshake. The master puts address and data on the bus and waits for an acknowledgment. The
selected slave either reads or writes data to or from the bus, then provides a data-acknowledge (DTACK*) signal. The
VMEbus system data throughput was 40 Mbyte/s. Previous to the VMEbus, it was not uncommon for the backplane
buses to require elaborate calculations to determine loading and drive current for interface design. This approach
made designs difficult and caused compatibility problems among manufacturers. To make interface design easier
and to ensure compatibility, the developers of the VMEbus architecture defined specific delays based on a 21-slot
terminated backplane and mandated the use of certain high-current TTL drivers, receivers, and transceivers.
In 1989, multiplexing block transfer (MBLT) effectively increased the number of bits from 32 to 64, thereby doubling
the transfer rate. In 1995, the number of handshake edges was reduced from four to two in the double-edge transfer
(2eVME) protocol, doubling the data rate again. In 1997, the VMEbus International Trade Association (VITA)
established a task group to specify a synchronous protocol to increase data-transfer rates to 320 Mbyte/s, or more.
The unreleased specification, VITA 1.5 [double-edge source synchronous transfer (2eSST)], is based on the
asynchronous 2eVME protocol. It does not wait for acknowledgement of the data by the receiver and requires
incident-wave switching. Sustained data rates of 1 Gbyte/s, more than ten times faster than traditional VME64
backplanes, are possible by taking advantage of 2eSST and the 21-slot VME320 star-configuration backplane. The
VME320 backplane approximates a lumped load, allowing substantially higher-frequency operation over the VME64x
distributed-load backplane. Traditional VME64 backplanes with no changes theoretically can sustain 320 Mbyte/s.
From BLT to 2eSST − A Look at the Evolution of VMEbus Protocols by John Rynearson, Technical Director, VITA,
provides additional information on VMEbus and can be obtained at www.vita.com.
maximum data transfer rates
DATE
TOPOLOGY
PROTOCOL
DATA BITS
DATA TRANSFERS
PER SYSTEM
FREQUENCY (MHz)
DATE
TOPOLOGY
PROTOCOL
DATA BITS
PER CYCLE
DATA TRANSFERS
PER CLOCK CYCLE
PER SYSTEM
(Mbyte/s)
BACKPLANE
CLOCK
1981
VMEbus IEEE-1014
BLT
32
1
40
10
10
1989
VME64
MBLT
64
1
80
10
10
1995
VME64x
2eVME
64
2
160
10
20
1997
VME64x
2eSST
64
2-No Ack
160−320
10−20
20−40
1999
VME320
2eSST
64
2-No Ack
320−1000
20−62.5
40−125
applicability
Target applications for VME backplanes include industrial controls, telecommunications, simulation,
high-energy physics, office automation, and instrumentation systems.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74GTLP1395TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND SELECTABLE POLARITY 1 2 3 4 5 MoreTexas Instruments
GTLP10B32010-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVT166463.3V ABT 16 BIT BUS TRANSCEIVERS AND REGISTERS WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
GTLP1B1511-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path 1 2 3 4 5 MoreFairchild Semiconductor
SN74AVC2T45DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74GTLP20338-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCH16T24516 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74GTLP220348-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74LVC16T24516 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl