Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN74VMEH22501 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74VMEH22501
Description  8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 18 page
background image
SN74VMEH22501
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES357E − JULY 2001 − REVISED MARCH 2004
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
driver in slot 1, with one receiver in slot 21 (minimum load) (continued)
In general, the rise- and fall-time distribution is shown in Figure 5. Since VME devices were designed for use into
distributed loads like the VME64x backplane (B/P), there are significant differences between low-to-high (LH) and
high-to-low (HL) values in the lumped load shown in the PMI (see Figures 1 and 2).
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
HL
LH
Full B/P Load
Minimum B/P Load
PMI Lumped Load
Figure 5
Characterization-laboratory data in Figures 6 and 7 show the absolute ac peak output current, with different supply
voltages, as the devices change output logic state. A typical nominal process is shown to demonstrate the devices’
peak ac output drive capability.
Figure 6
3.15
3.30
3.45
VCC − V
137
136
135
134
133
132
131
130
129
128
Figure 7
3.15
3.30
3.45
VCC − V
162
160
158
156
154
152
150
148
146
144




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74GTLP1395TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND SELECTABLE POLARITY 1 2 3 4 5 MoreTexas Instruments
GTLP10B32010-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVT166463.3V ABT 16 BIT BUS TRANSCEIVERS AND REGISTERS WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
GTLP1B1511-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path 1 2 3 4 5 MoreFairchild Semiconductor
SN74AVC2T45DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74GTLP20338-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCH16T24516 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74GTLP220348-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74LVC16T24516 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl