Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1077A Datasheet(PDF) 5 Page - Keysight Technologies

Part # N1077A
Description  Electrical and Optical Clock Data Recovery Solutions
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1077A Datasheet(HTML) 5 Page - Keysight Technologies

  N1077A Datasheet HTML 1Page - Keysight Technologies N1077A Datasheet HTML 2Page - Keysight Technologies N1077A Datasheet HTML 3Page - Keysight Technologies N1077A Datasheet HTML 4Page - Keysight Technologies N1077A Datasheet HTML 5Page - Keysight Technologies N1077A Datasheet HTML 6Page - Keysight Technologies N1077A Datasheet HTML 7Page - Keysight Technologies N1077A Datasheet HTML 8Page - Keysight Technologies N1077A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
05 | Keysight | Electrical and Optical Clock Data Recovery Solutions - Data Sheet
N1077A Optical/Electrical Clock Recovery - Option SMS
The N1077A provides instrument-grade clock recovery on electrical and optical signals from
50 MBaud up to 32 GBaud (32.8 GBaud characteristic). Option SMS integrates an optical
splitter, hybrid coupler, and amplified O/E to minimize external cabling and losses, while
maximizing flexibility and ease-of-use. Just like the N1076A, the N1077A is controlled via a USB
connection to an 86100D DCA-X mainframe, or to a standalone PC running N1010A FlexDCA
software.
Figure 7. As this block diagram shows, the N1077A with Option SMS combines an integrated optical deck
(a splitter, bulk-optics coupler, and an amplified O/E) with an instrument-grade electrical clock recovery
circuit.
Figure 6. The N1077A recovers clock from both electrical and 850 to 1550 nm optical signals operating
from 50 MBaud to 32 GBaud.
Accurate, convenient solution for recovering clock signals from high-speed optical
communication signals
– Recovers clock from data streams up to 32 GBaud (Option 232) and 16 GBaud
(Option 216)
– Supports both NRZ and PAM4 signal types
– Provides an easy method for using the electrical clock recovery solution with optical
signals
– Integrated splitter/coupler extracts a portion of the optical test signal using a built-in
coupler. Main optical signal returned to the front panel
– Converts the tapped optical signal to an electrical signal using an amplified O/E for
greater sensitivity
– Operates with both multimode and single-mode optical signals
Optical OUT
(50 μm/125 μm)
Optical IN
(50 μm/125 μm)
Optical IN
(9 μm/125 μm)
Optical IOUT
(9 μm/125 μm)
Optical deck
(Option SMS)
Electrical clock recovery
(refer to N1076A block diagram)
Amp O/E
Hybrid coupler
70%
30%
70/30
50/50
SM splitter
Electrical Data
OUT (2.92 mm)
Electrical
Data IN
+
Recovered
clock output
Auxiliary clock
output (4 to 8 GHz)
Electrical clock recovery
block diagram
Loop bandwidth
adjustment
Ultra-low
jitter clock
Amp
VIG
(VCO)
Amp
Sum
Phase
detector
Frequency
divider
Front panel
divider
Peaking
adjustment
Step
generator
ADC (for jitter
spectrum
analysis, JSA)
Limit
amp


Similar Part No. - N1077A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1077A-216 KEYSIGHT-N1077A-216 Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1077A-232 KEYSIGHT-N1077A-232 Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1077A-JSA KEYSIGHT-N1077A-JSA Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1077A-SMS KEYSIGHT-N1077A-SMS Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
N1077A-SXT KEYSIGHT-N1077A-SXT Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - N1077A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1076A KEYSIGHT-N1076A Datasheet
1Mb / 19P
   Electrical and Optical Clock Data Recovery Solutions
N4877A KEYSIGHT-N4877A Datasheet
2Mb / 21P
   Electrical and Optical Clock Data Recovery Solutions
logo
PANDUIT CORP.
PCM-T1 PANDUIT-PCM-T1 Datasheet
100Kb / 1P
   Network and Electrical Solutions
PCM-52 PANDUIT-PCM-52 Datasheet
100Kb / 1P
   Network and Electrical Solutions
PCA18-5 PANDUIT-PCA18-5 Datasheet
71Kb / 1P
   Network and Electrical Solutions
PCM-106 PANDUIT-PCM-106 Datasheet
100Kb / 1P
   Network and Electrical Solutions
PCM-77 PANDUIT-PCM-77 Datasheet
100Kb / 1P
   Network and Electrical Solutions
PCM-X4 PANDUIT-PCM-X4 Datasheet
100Kb / 1P
   Network and Electrical Solutions
PMNF-R PANDUIT-PMNF-R Datasheet
73Kb / 1P
   ELECTRICAL SOLUTIONS
2011
PRT2S-C PANDUIT-PRT2S-C Datasheet
94Kb / 1P
   ELECTRICAL SOLUTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com