Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIFA60-Q03 Datasheet(PDF) 1 Page - Vitec Power

Part # SIFA60-Q03
Description  63W Open Frame Power Supply for Industrial Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIFA60-Q03 Datasheet(HTML) 1 Page - Vitec Power

  SIFA60-Q03 Datasheet HTML 1Page - Vitec Power SIFA60-Q03 Datasheet HTML 2Page - Vitec Power SIFA60-Q03 Datasheet HTML 3Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIFA60 SERIES
63W Open Frame Power Supply for Industrial Equipment
Wide Input Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
Single to Quad Output
DINKLE 3 pin input connecter
Output Voltage Available from 3VDC through 48VDC
Input connector mates with screw terminal (DINKLE#ESK750V-03P)(10-24AWG)
Output connector mates with screw terminal (DINKLE#ESK750V-05P)(10-24AWG)
Class I Insulation
Size: 3"x5"x1.1"
Power Fail Detect (Optional)
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIFA60-S01
3 - 5 VDC
16.66 - 10.0 A
5%
50W
SIFA60-S02
5 - 6 VDC
11.0 - 9.16 A
5%
55W
SIFA60-S03
6 - 8 VDC
10.0 - 7.50 A
4%
60W
SIFA60-S04
8 - 11 VDC
7.87 - 5.72 A
3%
63W
SIFA60-S05
11 - 13 VDC
5.72 - 4.84 A
3%
63W
SIFA60-S05-1
11 - 13 VDC
4.09 - 3.46 A
3%
45W
SIFA60-S06
13 - 16 VDC
4.84 - 3.93 A
3%
63W
SIFA60-S07
16 - 21 VDC
3.93 - 3.00 A
3%
63W
SIFA60-S08
21 - 27 VDC
3.00 - 2.33 A
2%
63W
SIFA60-S09
27 - 33 VDC
2.33 - 1.90 A
2%
63W
SIFA60-S10
33 - 40 VDC
1.90 - 1.57 A
2%
63W
SIFA60-S11
40 - 48 VDC
1.57 - 1.31 A
2%
63W
Multi Output
Product Number
Output #1
Output #2
Output #3
Output #4
Maximum
Output
Power
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax
SIFA60-D00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SIFA60-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SIFA60-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SIFA60-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SIFA60-D04
+3.3V
1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SIFA60-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SIFA60-T00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIFA60-T00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIFA60-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SIFA60-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SIFA60-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIFA60-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIFA60-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SIFA60-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SIFA60-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SIFA60-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SIFA60-T06
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SIFA60-T06-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SIFA60-T08
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SIFA60-T08-1
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SIFA60-Q00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA60-Q00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA60-Q00-2
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA60-Q00-3
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA60-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA60-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA60-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA60-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA60-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SIFA60-Q02-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W


Similar Part No. - SIFA60-Q03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA60-Q03 Vitec-SIFA60-Q03 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA60-Q03-1 Vitec-SIFA60-Q03-1 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA60-Q03-2 Vitec-SIFA60-Q03-2 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA60-Q03-3 Vitec-SIFA60-Q03-3 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
More results

Similar Description - SIFA60-Q03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA60 Vitec-SIFA60 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61 Vitec-SIFA61 Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA63 Vitec-SIFA63 Datasheet
545Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA63-SERIES Vitec-SIFA63-SERIES Datasheet
545Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA62 Vitec-SIFA62 Datasheet
544Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA62-SERIES Vitec-SIFA62-SERIES Datasheet
544Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60-SERIES Vitec-SMFA60-SERIES Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com