Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204D401DL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6204D401DL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204D401DL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6204D401DL Datasheet HTML 1Page - Torex Semiconductor XC6204D401DL Datasheet HTML 2Page - Torex Semiconductor XC6204D401DL Datasheet HTML 3Page - Torex Semiconductor XC6204D401DL Datasheet HTML 4Page - Torex Semiconductor XC6204D401DL Datasheet HTML 5Page - Torex Semiconductor XC6204D401DL Datasheet HTML 6Page - Torex Semiconductor XC6204D401DL Datasheet HTML 7Page - Torex Semiconductor XC6204D401DL Datasheet HTML 8Page - Torex Semiconductor XC6204D401DL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
■Product Classification
GSelection Guide
The following options for the CE pin logic and internal pull-up/down are available:
Active 'High' + no pull-down resistor built-in (standard)
Active 'High' + 300k
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Active 'Low' + no pull-up resistor built-in (semi-custom)
Active 'Low' + 300k
Ω pull-up resistor built-in <between CE-VSS> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300k
Ω (TYP.)
XC6204 Series
258
3
■Pin Configuration
■Pin Assignment
5
VOUT
NC
VIN
VSS
SOT-25
USP-6B
CE
4
3
2
1
VIN 1
NC 2
VOUT 3
6 CE
4 NC
5 VSS
(TOP VIEW)
PIN NUMBER
SOT-25
USP-6B
1
2
3
1
5
6
PIN NAME
FUNCTION
VIN
VSS
CE
53
VOUT
Input
Ground
ON/OFF Control
Output
4
2,4
NC
No Connection
GOrdering Information
DESIGNATOR
A
B
C
D
2
A
M
D
R
L
18∼16
Active 'High' (pull-down resistor built in)
Active 'High' (no pull-down resistor built in)
Active 'Low' (pull-up resistor built in)
Active 'Low' (no pull-up resistor built in)
Output Voltage :
e.g. 20 = 2.0V, 30 = 3.0V etc.
Output Voltage : 100mV increments,
± 2% accuracy
e.g. w=3, e=8, r=2 ⇒ 3.8V,
± 2%
1
(Note1)
Output Voltage : 100mV increments,
± 1% accuracy
e.g. w=3, e=0, r=1 ⇒ 3.0V,
± 1%
USP-6B
SOT-25
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
Output Voltage : 50mV increments,
± 2% accuracy
e.g. w=3, e=8, r=A ⇒ 3.85V
B
(Note1)
Output Voltage : 50mV increments,
± 1% accuracy
e.g. w=3, e=0, r=B ⇒ 3.05V,
± 1%
SYMBOL
DESCRIPTION
  
XC6204 qwerty
Please note that the "B" version is the standard part. The A, C, & D versions are semi-custom parts.
Note 1 : The output voltage range of the
±1% accuracy product is 3.0V ∼ 6.0V.
03S_04XC6204 02.9.12 2:57 PM ページ 258


Similar Part No. - XC6204D401DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204D402DL TOREX-XC6204D402DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D402DR TOREX-XC6204D402DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D402ML TOREX-XC6204D402ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D402MR TOREX-XC6204D402MR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D402PL TOREX-XC6204D402PL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204D401DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com