Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC16245 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALVC16245
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC16245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVC16245 Datasheet HTML 1Page - Texas Instruments SN74ALVC16245 Datasheet HTML 2Page - Texas Instruments SN74ALVC16245 Datasheet HTML 3Page - Texas Instruments SN74ALVC16245 Datasheet HTML 4Page - Texas Instruments SN74ALVC16245 Datasheet HTML 5Page - Texas Instruments SN74ALVC16245 Datasheet HTML 6Page - Texas Instruments SN74ALVC16245 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74ALVC16245
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS419D – JANUARY 1993 – REVISED AUGUST 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = – 40°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
IOH = – 100 µA
MIN to MAX
VCC – 0.2
IOH = – 6 mA,
VIH = 1.7 V
2.3 V
2.0
VOH
VIH = 1.7 V
2.3 V
1.7
V
VOH
IOH = – 12 mA
VIH = 2 V
2.7 V
2.2
V
VIH = 2 V
3 V
2.4
IOH = – 24 mA,
VIH = 2 V
3 V
2
IOL = 100 µA
MIN to MAX
0.2
IOL = 6 mA,
VIL = 0.7 V
2.3 V
0.4
VOL
IOL =12mA
VIL = 0.7 V
2.3 V
0.7
V
IOL = 12 mA
VIL = 0.8 V
2.7 V
0.4
IOL = 24 mA,
VIL = 0.8 V
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
23 V
45
Ihld
VI = 1.7 V
2.3 V
–45
µA
Ihold
VI = 0.8 V
3V
75
µA
VI = 2 V
3 V
–75
IOZ§
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
nICC
VCC = 3 V to 3.6 V,
Other inputs at VCC or GND
One input at VCC – 0.6 V,
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
9
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
‡ All typical values are at VCC = 3.3 V.
§ For I/O ports, the parameter IOZ includes the input leakage current.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V ±
0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
1
5
4
1
3.6
ns
ten
OE
B or A
1
6.8
6
1
5
ns
tdis
OE
B or A
1
6
5.2
1
5
ns
operating characteristics, TA = 25° C
PARAMETER
TEST CONDITIONS
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
TYP
TYP
C d
Power dissipation capacitance
Outputs enabled
CL =50 pF
f=10MHz
22
29
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 10 MHz
4
5
pF


Similar Part No. - SN74ALVC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245DGGR TI1-SN74ALVC16245DGGR Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245DL TI1-SN74ALVC16245DL Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245DLR TI1-SN74ALVC16245DLR Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com