Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD10 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD10
Description  3.3V RS 485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD10 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD10 Datasheet HTML 1Page - Texas Instruments SN65HVD10 Datasheet HTML 2Page - Texas Instruments SN65HVD10 Datasheet HTML 3Page - Texas Instruments SN65HVD10 Datasheet HTML 4Page - Texas Instruments SN65HVD10 Datasheet HTML 5Page - Texas Instruments SN65HVD10 Datasheet HTML 6Page - Texas Instruments SN65HVD10 Datasheet HTML 7Page - Texas Instruments SN65HVD10 Datasheet HTML 8Page - Texas Instruments SN65HVD10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN65HVD10,SN65HVD10Q,SN75HVD10
SN65HVD11,SN65HVD11Q,SN75HVD11
SN65HVD12,SN75HVD12
SLLS505F − FEBRUARY 2002 − REVISED NOVEMBER 2003
www.ti.com
4
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
HVD10
5
8.5
16
tPLH
Propagation delay time, low-to-high-level output
HVD11
18
25
40
ns
tPLH
Propagation delay time, low-to-high-level output
HVD12
135
200
300
ns
HVD10
5
8.5
16
tPHL
Propagation delay time, high-to-low-level output
HVD11
18
25
40
ns
tPHL
Propagation delay time, high-to-low-level output
HVD12
135
200
300
ns
HVD10
RL = 54 Ω, CL = 50 pF,
3
4.5
10
tr
Differential output signal rise time
HVD11
RL = 54 Ω, CL = 50 pF,
See Figure 4
10
20
30
ns
tr
Differential output signal rise time
HVD12
See Figure 4
100
170
300
ns
HVD10
3
4.5
10
tf
Differential output signal fall time
HVD11
10
20
30
ns
tf
Differential output signal fall time
HVD12
100
170
300
ns
HVD10
1.5
tsk(p)
Pulse skew (|tPHL − tPLH|)
HVD11
2.5
ns
tsk(p)
Pulse skew (|tPHL − tPLH|)
HVD12
7
ns
(2)
HVD10
6
tsk(pp)(2)
Part-to-part skew
HVD11
11
ns
tsk(pp)(2)
Part-to-part skew
HVD12
100
ns
Propagation delay time,
HVD10
31
tPZH
Propagation delay time,
high-impedance-to-high-level output
HVD11
55
ns
tPZH
high-impedance-to-high-level output
HVD12
RL = 110 Ω, RE at 0 V,
300
ns
Propagation delay time,
HVD10
RL = 110 Ω, RE at 0 V,
See Figure 5
25
tPHZ
Propagation delay time,
high-level-to-high-impedance output
HVD11
See Figure 5
55
ns
tPHZ
high-level-to-high-impedance output
HVD12
300
ns
Propagation delay time,
HVD10
26
tPZL
Propagation delay time,
high-impedance-to-low-level output
HVD11
55
ns
tPZL
high-impedance-to-low-level output
HVD12
RL = 110 Ω, RE at 0 V,
300
ns
Propagation delay time,
HVD10
RL = 110 Ω, RE at 0 V,
See Figure 6
26
tPLZ
Propagation delay time,
low-level-to-high-impedance output
HVD11
See Figure 6
75
ns
tPLZ
low-level-to-high-impedance output
HVD12
400
ns
tPZH
Propagation delay time, standby-to-high-level output
RL = 110 Ω, RE at 3 V,
See Figure 5
6
µs
tPZL
Propagation delay time, standby-to-low-level output
RL = 110 Ω, RE at 3 V,
See Figure 6
6
µs
(1) All typical values are at 25°C and with a 3.3-V supply.
(2) tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, at the same temperature, and have identical packages and test circuits.


Similar Part No. - SN65HVD10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD10

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
   LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com