Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDA31-S03 Datasheet(PDF) 2 Page - Vitec Power

Part # SIDA31-S03
Description  30W Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA31-S03 Datasheet(HTML) 2 Page - Vitec Power

  SIDA31-S03 Datasheet HTML 1Page - Vitec Power SIDA31-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
No-Condensing
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100 % load at 40°C to 50 % load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
M
Meet EMI requirements: CISPR-22
Vin=220VAC
B
CLASS
Meet EMI requirements: FCC Part15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: approx. 265-280g
3.
Optional output connector.


Similar Part No. - SIDA31-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA31-S03 Vitec-SIDA31-S03 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA31-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
STDA31-SERIES Vitec-STDA31-SERIES Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SHDA31A Vitec-SHDA31A Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
STDA31 Vitec-STDA31 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SHDA31B-SERIES Vitec-SHDA31B-SERIES Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B Vitec-SHDA31B Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com