Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL811HST Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # SL811HST
Description  Embedded USB Host/Slave Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HST Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button SL811HST Datasheet HTML 7Page - Cypress Semiconductor SL811HST Datasheet HTML 8Page - Cypress Semiconductor SL811HST Datasheet HTML 9Page - Cypress Semiconductor SL811HST Datasheet HTML 10Page - Cypress Semiconductor SL811HST Datasheet HTML 11Page - Cypress Semiconductor SL811HST Datasheet HTML 12Page - Cypress Semiconductor SL811HST Datasheet HTML 13Page - Cypress Semiconductor SL811HST Datasheet HTML 14Page - Cypress Semiconductor SL811HST Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 11 of 29
5.2.4
SOF Packet Generation
The SL811HS automatically computes CRC5 by hardware. No CRC or SOF is required to be generated by external firmware for
SL811HS.
5.2.5
USB-A/USB-B Host Base Address [01H, 09H]
The USB-A/USB-B Base Address is a Pointer to the SL811HS memory buffer location for USB reads and writes. When trans-
ferring data OUT (Host to Device), the USB-A and USB-B can be set up prior to setting ARM on the USB-A or USB-B Host Control
register. See the software implementation example.
5.2.6
USB-A/USB-B Host Base Length [02H, 0AH]
The USB A/B host base register contains the maximum packet size to be transferred between the SL811HS and a slave USB
peripheral. Essentially, this designates the largest packet size that can be transferred by the SL811HS. Base Length designates
the size of data packet to be sent. For example, in Bulk mode the maximum packet length is 64 bytes. In ISO mode, the maximum
packet length is 1023, since the SL811HS only has an 8-bit length; the maximum packet size for the ISO mode using the SL811HS
is 255 – 16 bytes. When the Host Base Length register is set to zero, a Zero-Length packet will be transferred.
5.2.7
USB-A/USB-B Host PID, Device Endpoint (Write)/USB Status (Read) [03H, 0BH]
This register has two modes. When read, this register provides packet status and it contains information relative to the last packet
that has been received or transmitted. The register is defined as follows.
When written, this register provides the PID and Endpoint information to the USB SIE engine to be used in the next transaction.
All sixteen Endpoints can be addressed by the SL811HS.
PID3-0
4-bit PID Field (See Table Below)
EP3-0
4-bit Endpoint Value in Binary.
Bit Position
Bit Name
Function
0
ACK
Transmission Acknowledge
1
Error
Error detected in transmission
2
Time-out
Time-out occurred
3
Sequence
Sequence Bit. “0” if DATA0, “1” if DATA1
4
Setup
“1” indicates Setup Packet
5
Overflow
Overflow condition - maximum length exceeded during receives
6
NAK
Slave returns NAK
7
STALL
Slave set STALL bit
D7
D6
D5
D4
D3
D2
D1
D0
PID3
PID2
PID1
PID0
EP3
EP2
EP1
EP0
PID TYPE
D7-D4
SETUP
1101 (D Hex)
IN
1001 (9 Hex)
OUT
0001 (1 Hex)
SOF
0101 (5 Hex)
PREAMBLE
1100 (C Hex)
NAK
1010 (A Hex)
STALL
1110 (E Hex)
DATA0
0011 (3 Hex)
DATA1
1011 (B Hex)


Similar Part No. - SL811HST

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HST-AXC CYPRESS-SL811HST-AXC Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
More results

Similar Description - SL811HST

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com