Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHWA12C-S08 Datasheet(PDF) 1 Page - Vitec Power

Part # SHWA12C-S08
Description  12W Wall Mount Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHWA12C-S08 Datasheet(HTML) 1 Page - Vitec Power

  SHWA12C-S08 Datasheet HTML 1Page - Vitec Power SHWA12C-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHWA12C SERIES
12W Wall Mount Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
European type 2 prong plug
Output Voltage Available From 5VDC Thru 27VDC
Single Output
Over Load Protection.
Class II Insulation
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SHWA12C-S02
5 ~ 6 VDC
2.00 ~ 1.66 A
5%
10W
SHWA12C-S03
6 ~ 8 VDC
2.00 ~ 1.50 A
5%
12W
SHWA12C-S04 *
8 ~ 11 VDC
1.50 ~ 1.09 A
5%
12W
SHWA12C-S05 *
11 ~ 13 VDC
1.09 ~ 0.92 A
5%
12W
SHWA12C-S06 *
13 ~ 16 VDC
0.92 ~ 0.75 A
5%
12W
SHWA12C-S07 *
16 ~ 21 VDC
0.75 ~ 0.57 A
3%
12W
SHWA12C-S08 *
21 ~ 27 VDC
0.57 ~ 0.44 A
3%
12W
Mark “*” means approved by CEC level V.
Total Regulation is conditioned by below configuration
(S02~S04 AWG16/2C/4FT output cable)
(S05~S08: AWG18/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
12
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.25
0.35
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.17
0.22
A
Low Line Inrush Current
Io=Full load, 25°C Cool start, Vin=115VAC
14
16
A
High Line Inrush Current
Io=Full load, 25°C Cool start, Vin=230VAC
28
30
A
Efficiency
Io=Full Load, Vin=230VAC
77.7
%
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
5
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
10
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
1
%
Temperature Coefficient
All output
-0.04
0.04
%/°C
Thermal Shutdown* By Junction
Temperature Controller
The parameter is not subject to production
test-verified by design/characterization of integrated
controller.
-25
130
°C
* As long as faulty conditions have been removed, the adaptor will automatically power up a s usual.


Similar Part No. - SHWA12C-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHWA12C-S08 Vitec-SHWA12C-S08 Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
More results

Similar Description - SHWA12C-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
SMWA12C Vitec-SMWA12C Datasheet
340Kb / 2P
   12W Medical Grade Wall Mount Power Supply
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
   12W Medical Grade Wall Mount Power Supply
logo
MPS Industries, Inc.
MPU12A MPSIND-MPU12A Datasheet
241Kb / 2P
   12W Wall Mount Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU12A TOTAL-POWER-TPMPU12A Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12C TOTAL-POWER-TPMPU12C Datasheet
263Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12B TOTAL-POWER-TPMPU12B Datasheet
246Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
logo
Vitec Power
MTWA11 Vitec-MTWA11 Datasheet
291Kb / 2P
   10W Wall Mount Power Supply for I.T. Equipment
SIWA11-SERIES Vitec-SIWA11-SERIES Datasheet
289Kb / 2P
   10W Wall Mount Power Supply for Industrial Equipment
MTWA11-SERIES Vitec-MTWA11-SERIES Datasheet
291Kb / 2P
   10W Wall Mount Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com