Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1075 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # B1075
Description  BROADBAND xDSL, HPN, CMCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B1075 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  B1075 Datasheet HTML 1Page - Pulse A Technitrol Company B1075 Datasheet HTML 2Page - Pulse A Technitrol Company B1075 Datasheet HTML 3Page - Pulse A Technitrol Company B1075 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.pulseeng.com
G003.U (2/07)
THT - Through Hole Package SMT - Surface Mount Package
Texas Instruments: TNETD4500x ADSL Chipset
B2243
3
CO
1500
1:2
400
B823
B2133
3
ADSL/ISDN CO
1500
1:2
75
B823
Texas Instruments: AC5, AC6 Chipset
B2205
3
CO
1500
1:1.9
400
4
B985
BX2375
3
ADSL/ISDN CO
1500
1:1.9
92.5
B985
Texas Instruments: AC7 CO Chipset
BX2513W
3
CO
1500
1:1.11
400
4
B873
Texas Instruments: AP5, AR5, and AU5 Chipsets
BX2361
3
CPE
1500
1:2
1500
4
B988
BT2361
3
CPE
1500
1:2
1500
4
B806
BX2382
3
CPE
1500
1:2
1500
4
B988
Texas Instruments: AP7, AR7, and AU7 Chipsets
BX2479H
CPE
1500
1:2
1500
B834
BX2479W
3
CPE
1500
1:2
1500
B834
BX2243H ADSL/ISDN CPE
1500
1:2
400
B834
Part
Application*
Isolation
Turns Ratio
Inductance
Data
Number
Voltage (Vrms) Chip-Line
(µH ±10%)
Sheet
ADSL Transformers
(continued)
ADSL Products
(continued)
ADSL Products
(continued)
Central Office (CO*) Splitters for Telecom Applications
3. When ordering Tape & Reel for SMT parts, add “T” suffix to the part number.
4. ±5%
Inductors for use in ADSL Filters
B2023
6.0 mH ±5%
4.0
1500
THT
B902
B2024
4.0 mH ±5%
3.0
1500
THT
B902
B2025
3.0 mH ±5%
2.5
1500
THT
B902
B2026
10.0 mH ±5%
6.0
1500
THT
B902
B2086
4.0 mH ±10%
3.6
1500
SMT
B902
B2113
2.25 mH ±10%
2.25
500
THT
B902
B2114
1.425 mH ±10%
2.25
500
THT
B902
B2116
1.65 mH ±10%
2.25
500
THT
B902
B2117
1.35 mH ±10%
2.25
500
THT
B902
B2118
0.8 mH ±10%
2.0
500
THT
B902
B2184
91.0 µH ±7%
3.13
500
SMT
B843
B2198
74.06 µH ±7%
5.0
500
SMT
B843
BX2128
500 µH ±7%
12.0
500
SMT
B843
BX8082
140.0 µH ±7%
6.0
500
SMT
B843
Inductors for use with STMicroelectronics DynaMiTe Chipset
B2061
282.5 µH ±5%
1.0
500
THT
B963
B2062
238.5 µH ±5%
0.76
500
THT
B963
B2099
500.5 µH ±10%
2.10
500
THT
B963
B2100
91.0 µH ±10%
0.85
500
THT
B963
B2101
96.0 µH ±5%
0.42
500
THT
B963
BX8115
500 µH ±7%
9.0
500
SMT
B843
BX8118
282 µH ±7%
9.0
500
SMT
B843
BX8153
5.0 µH ±7%
0.7
500
SMT
B843
BX8253W
185 µH ±7%
4.75
500
SMT
B843
BX8254W
110 µH ±7%
2.5
500
SMT
B843
Inductors for use with Centillium CT-L50SC04 Chipset
B2208
170.0 µH ±7%
4.0
500
SMT
B843
B2209
300.0 µH ±7%
7.0
500
SMT
B843
B2210
455.0 µH ±7%
9.0
500
SMT
B843
Inductors for use with GlobespanVirata Chipset
B2125A
50.0 µH ±7%
2.0
500
SMT
B843
B2126A
170.0 µH ±7%
6.5
500
SMT
B843
B2127A
340.0 µH ±7%
7.5
500
SMT
B843
B2155
205.0 µH ±7%
6.0
500
SMT
B843
BX8195
102.5 µH ±5%
6.0
500
SMT
B843
Inductors for use with Infineon IVD Chipset
BX8027W
6.8 mH ±5%
5.0
500
SMT
B869
Inductors for use with Legerity CO Chipset
B8101
7.0 mH ±10%
11.0
1000
THT
B804
B8102
9.35 mH ±10%
13.6
1000
THT
B804
B8103
4.0 mH ±10%
10.0
1000
SMT
B804
B8104
9.35 mH ±10%
32.0
1000
THT
B804
Part
Inductance
DC Resistance
Isolation
Mounting
Data
Number
(
Ω Max 2 pair) Voltage (Vrms)
Sheet
ADSL Inductors
Inductors for use with Legerity CO Chipset
(continued)
B8106
7.0 mH ±10%
14.1
1000
THT
B804
B8176
4.0 mH ±10%
10.0
1000
THT
B804
B8107
9.35 mH ±10%
26
1000
THT
B804
BX8266L
32 mH ±10%
15
600
SMD
B804
BX8267L
16 mH min
15
600
SMD
B804
Part
Inductance
DC Resistance
Isolation
Mounting
Data
Number
(
Ω Max 2 pair) Voltage ( Vrms)
Sheet
ADSL Inductors
(continued)
Central Office DSL Splitter Circuits
Our comprehensive library of CO splitter designs can be customized for
various types of installations, including DSLAMs, rack-mount cards, cross-
connect blocks, and main distribution frame (MDF) cards.
Innovative, high-density designs are as much as three times smaller
than typical designs.
Delivers more channels on smaller cards
Scalable capacity from single-line to 96-lines
Customized solutions can be developed quickly, saving OEMs time
and development costs
VDSL versions support TelcoTV and IPTV applications
For assistance with a custom design, please e-mail Pulse’s Telecom
Division at
prodinfo_telecom@pulseeng.com.
B8041
ETSI 600 Ohms-ADSL/POTS
B881
B8042
ETSI Ann B-ADSL/ISDN 2B1Q
B815
B8045
ETSI Ann B-ADSL/POTS/ISDN 4B3T
relaxed spec
B816
B8046
UK Complex BT SIN-346-ADSL/POTS
relaxed spec
B810
B8047
ETSI Complex option A-ADSL/POTS
relaxed spec
B813
B8049
ETSI Complex option A-ADSL/POTS
compliant
B826
B8049E
ETSI Complex option A-ADSL/POTS
compliant/low profile
B882
B8120
ANSI-ADSL/POTS
B827
B8120A
ANSI-ADSL/POTS
w/signature circuit
B827
B8216
UK Complex BT SIN-346-ADSL/POTS
w/protections (K20 basic)
B883
B8245
ETSI Ann B - ADSL/POTS/ISDN 4B3T
compliant
B879
B8546
UK Complex BT SIN-346-ADSL/POTS
compliant
B884
B8549
ETSI Complex option A-ADSL/POTS
compliant/low height
B885
BX8214
ANSI-ADSL/POTS
low profile
B878
BX8214V
ANSI-ADSL/VDSL/POTS
VDSL compliant/low profile
B886
BX8270
ITU G992.1-ADSL/POTS + VoIP
CPE for Korea/Asia
B872
BX8296
ANSI-ADSL/POTS + VoIP
CPE for North America
B871
1. Contact Pulse for custom CO splitter or MDF boards.
2. All modules are ADSL2+ compatible.
Part
Standard-
Note/
Data
Number
Applications
2
Comment
Sheet
SMART
TM Series: xDSL Low Pass Filter Modules for CO or CPE
*
* CO - Central Office, CPE - Customer Premises Equipment
Broadband Access: xDSL, HPN, CMCs
BROADBAND ACCESS: xDSL, HPN, CMCs


Similar Part No. - B1075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1075 ETC1-B1075 Datasheet
1Mb / 24P
   Desoldering Tool
More results

Similar Description - B1075

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
Z-330TJA PULSE-Z-330TJA Datasheet
391Kb / 2P
   Isolates telephone equipment impedances from the xDSL and HPN systems
logo
Filtran LTD
6649 FILTRAN-6649 Datasheet
55Kb / 1P
   HPN Home Phoneline Module
6641 FILTRAN-6641 Datasheet
68Kb / 1P
   HPN Home Phoneline Module
logo
Rhombus Industries Inc.
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
   xDSL Transformer
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
   XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
   xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
   xDSL Transformer
logo
Sumida Corporation
CEP810B SUMIDA-CEP810B Datasheet
106Kb / 1P
   xDSL Transformer
logo
Rhombus Industries Inc.
T-885G RHOMBUS-IND-T-885G Datasheet
35Kb / 1P
   xDSL Transformer
L-286 RHOMBUS-IND-L-286 Datasheet
58Kb / 1P
   xDSL Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com