Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8402DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI8402DB
Description  20-V N-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8402DB Datasheet(HTML) 6 Page - Vishay Siliconix

  SI8402DB Datasheet HTML 1Page - Vishay Siliconix SI8402DB Datasheet HTML 2Page - Vishay Siliconix SI8402DB Datasheet HTML 3Page - Vishay Siliconix SI8402DB Datasheet HTML 4Page - Vishay Siliconix SI8402DB Datasheet HTML 5Page - Vishay Siliconix SI8402DB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si8402DB
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 72657
S-32557—Rev. A, 15-Dec-03
PACKAGE OUTLINE
MICRO FOOT: 4-BUMP (2 X 2, 0.8-mm PITCH)
NOTES (Unless Otherwise Specified):
5.
Laser mark on the silicon die back, coated with a thin metal.
6.
Bumps are Eutectic solder 63/57 Sn/Pb.
7.
Non-solder mask defined copper landing pad.
8.
The flat side of wafers is oriented at the bottom.
Bump Note 2
8402
XXX
Recommended Land
Mark on Backside of Die
Silicon
4
O 0.30 X 0.31
Note 3
Solder Mask O X 0.40
b Diamerter
e
e
A
A2
A1
e
S
D
e
S
E
MILLIMETERS*
INCHES
Dim
Min
Max
Min
Max
A
0.600
0.650
0.0236
0.0256
A1
0.260
0.290
0.0102
0.0114
A2
0.340
0.360
0.0134
0.0142
b
0.370
0.410
0.0146
0.0161
D
1.520
1.600
0.0598
0.0630
E
1.520
1.600
0.0598
0.0630
e
0.750
0.850
0.0295
0.0335
S
0.370
0.380
0.0146
0.0150
* Use millimeters as the primary measurement.


Similar Part No. - SI8402DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI8402DB VISHAY-SI8402DB Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI8402DB-T1-E1 VISHAY-SI8402DB-T1-E1 Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI8402DB VISHAY-SI8402DB_08 Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
More results

Similar Description - SI8402DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI8402DB VISHAY-SI8402DB_08 Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com